Part Number Hot Search : 
EE08042 BD231 SA15A 64472 TR9666 IRF3205 D1040 331KL
Product Description
Full Text Search
 

To Download 10065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 o LED Optic
If your application requires a narrower beam angle than usual but you still require a compact, inexpensive solution then choose the 4 o Optic from Carclo. This optic has been optimised to give a bright, sharply defined spot of light. The optics can be used with all Luxeon colour, wattage and package types. Optimised for Luxeon LED's Two versions are currently available, one that produces a circular 4 o beam and the other that gives a 4 o x 25 o ellipsoidal beam. The optics are made from Lens Quality Polycarbonate; they exhibit high thermal stability and long term durability. Lenses can be supplied seperately or with holders. For the full range of holders refer to table below. 4 o Beam angle (HWHP) Available with holder Lens Quality Polycarbonate Thermally stable
4 o Optic Holder
'D' See table 'E' See table
Designed for the 4 o optic, the Holder fits neatly onto a Luxeon Star Board ensuring that the lens is centred and held at the optimum focal distance. Available in Black or White colours for 1, 3 or 5 Watt Luxeons.
Part No. 10064. 10065 10076 10077 Description For 1 Watt Luxeon For 1 Watt Luxeon For 3 and 5 Watt Luxeon For 3 and 5 Watt Luxeon Colour Black White Black White Dim'n 'D' 17.15mm 17.15mm 16.15mm 16.15mm Dim'n 'E' 22.7mm 22.7mm 21.7mm 21.7mm
Optical Performance Tables
4 o Circular Optic
Lux at 3m Range
Part No. 10048
Typical half angle divergence 4 o + / - 1 o when used with 1W White Luxeon LED
4 o x 25 o Elliptical (Line) Beam Optic
Part No. 10049
Typical half angle divergence 25 o + / - 3 o and 4 o + / - 1 o when used with 1W White
Lux at 3m Range
Notes: Measurements have been made with a 1W Luxeon Lambertian LED. The measured efficiency for all optics is approx 85%.
4 o Assembly
4 o LED Optic mounted in standard holder onto Luxeon 1W star board Section through 4 o LED Optic, Optic Holder and Luxeon 1W star board


▲Up To Search▲   

 
Price & Availability of 10065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X