Part Number Hot Search : 
MAX4839 R2025 05001 46436 SMCJ200A R2025 UPB550A 1N4001
Product Description
Full Text Search
 

To Download VRXZ-01RD10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISOLATED DC/DC CONVERTERS
24 Vdc Input 22.5 Vdc/28 mA or 27 Vdc/25 mA Dual Outputs
VRXZ-01RDx0 Series
* * * * * * Isolated High Efficiency
RoHS Compliant
Rev.A
Excellent Thermal Performance Low Cost Low Profile Package Dual Outputs
Description
The VRXZ-01RDx0 series are isolated dc/dc converters that operate from a nominal 24 Vdc source. These converters provide up to 1.3 W of output power, using a SIP package for ease of layout and space savings. The efficiency is typically 82% at full load.
Part Selection
Output Voltage 22.5 V (dual) 27 V (dual) Input Voltage 24 V 24 V Max. Output Current 28 mA 25 mA Max. Output Power 1.3 W 1.3 W Typical Efficiency 82% 82% Model Number VRXZ-01RD10 VRXZ-01RD20
Notes: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers. 2. Add "G" suffix at the end of the model numbers listed above to indicate "Tray Packaging".
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Output Power Ambient Temperature Storage Temperature Min -0.3 V 0 C -40 C Typ Max 28 V 1.3 W 70 C 125 C Notes
Input Specifications
Parameter Input Voltage Input Current (no load) Input Current (full load) Min 24 V Typ Max 28 V 15 mA 70 mA Notes
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc Input 22.5 Vdc/28 mA or 27 Vdc/25 mA Dual Outputs
Output Specifications
Parameter Output Voltage Set Point VO=22.5 V VO=27 V Load Regulation VO=22.5 V VO=27 V Regulation Over Temperature (0 C to 70 C) Output Current VO=22.5 V VO=27 V Ripple and Noise (rms) Ripple and Noise (pk-pk) Overshoot at Turn on 0 mA 0 mA 14 mV 55 mV 0% 28 mA 25 mA 25 mV 120 mV 3% 0 - 20 MHz Bandwidth with 0.1 uF ceramic capacitor at output 0.7 V 0.7 V 0.2 V 1V 1V 0.5 V Min 22.5 V 26 V Typ Max 24 V 27 V Notes Vin=24 V, Iout=full load, Ta=25 C Vin=24 V, for Vo=22.5 V, Iout=6 mA - 28 mA; for Vo=27 V, Iout=4 mA - 25 mA For both outputs
General Specifications
Parameter Efficiency VO=22.5 V VO=27 V Switching Frequency Isolation MTBF Dimensions Inches (L x W x H) Millimeters (L x W x H) Weight 0.9 x 0.338 x 0.4 22.86 x 8.59 x 10.16 2.5 g 80% 80% 82% 82% 190 kHz 2000 V Calculated Per Bell Core SR-332 (IO = Nominal; Ta = 25 C) Min Typ Max Notes Vin=24 V, IO= IO-max, at full load and Ta=25 C
3,000,000 hours
-
Thermal Derating Curve
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc Input 22.5 Vdc/28 mA or 27 Vdc/25 mA Dual Outputs
Ripple and Noise Waveforms
24 Vdc input, 22.5 Vdc output
24 Vdc input, 27 Vdc output
Note: Ripple and noise at full load, 0.1uF ceramic Cap is added at the output, and Ta=25 deg C.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc Input 22.5 Vdc/28 mA or 27 Vdc/25 mA Dual Outputs
Mechanical Outline
Pin Connections
Pin 1 2 3 4 5 6 Function Vin+ VinVo1Vo1+ Vo2Vo2+
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other hazardous substances from electronic products.
(c)2007 Bel Fuse Inc. Specifications subject to change without notice. 022707
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of VRXZ-01RD10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X