Part Number Hot Search : 
SB250 IL3842N 1N4454 PMD17K60 Z89304 SD01127 TC170 B1A0A
Product Description
Full Text Search
 

To Download UPA1E822MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PA
Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
series
Lower impedance than PW series. Smaller case size and high ripple current. Adapted to the RoHS directive (2002/95/EC).
PA
Specifications
ltem Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
Low Impedance
PW
Performance Characteristics
- 55 ~ +105C 6.3 ~ 35V 180 ~ 10000F 20% at 120Hz, 20C After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
Rated voltage (V) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12
120Hz 20C
tan
tan (MAX.)
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V)
Stability at Low Temperature
6.3 3
10 3
16 3
25 3
35 3
120Hz
Impedance ratio ZT / Z20 (MAX.) Z-55C / Z+20C
After an application of D.C. bias voltage plus the rated ripple current for 5000 hours ( 3000 hours for D = 8, 4000 hours for D = 10) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Endurance
Capacitance change tan Leakage current
Shelf Life Marking
Within 20% of initial value (6.3V, 10V : 30%) 200% or less of initial specified value (6.3V, 10V : 300%) lnitial specified value or less
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Type numbering system (Example : 10V 470F)
Sleeve (P.E.T.)
MAX.
d
UPA 1 A 4 7 1 MPD
Size code Capacitance tolerance (20%) Rated Capacitance (470F) Rated voltage (10V) Series name Type Configuration 8 10 12.5~ 18
BD
1 2 3 4 5 6 7 8 9 10 11
BD+
B6.3up
L+ MAX. Pressure relief vent
15 MIN
4 MIN
P 0.5
(L < 20) 1.5 (L 20) 2.0
BD Bd
P
: In case L > 25 for the B12.5 dia. unit, lead dia. B d = 0.8mm.
* Please refer to page 21 about the end seal configulation.
8 10 12.5 3.5 5.0 5.0 0.6 0.6 0.6 0.5 0.5 0.5
16 18 7.5 7.5 0.8 0.8 0.5 0.5
(mm)
Pb-free leadwire Pb-free PET sleeve
PD HD
Frequency coefficient of rated ripple current
Cap. (F) Frequency
50Hz 0.55 0.70 0.80
120Hz 0.65 0.75 0.85
300Hz 0.75 0.80 0.90
1kHz 0.85 0.90 0.95
10kHz~ 1.00 1.00 1.00
180 ~ 330 390 ~ 1000 1200 ~ 10000
Please refer to page 20, 21 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PAseri
Cap.(F)
es
Standard ratings
V (Code) Item
Co de
Case size D x L (mm)
6.3 (0J) Impedance () MAX.
20C / 100kHz - 10C / 100kHz
Rated ripple (mArms)
105C / 100kHz
Case size D x L (mm)
10 (1A) Impedance () MAX.
20C / 100kHz - 10C / 100kHz
Rated ripple (mArms)
105C / 100kHz
Case size D x L (mm) 8 x 11.5 8 x 11.5 10 x 12.5 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 16 10 x 20 10 x 20 10 x 25
16 (1C) Impedance () MAX.
20C / 100kHz - 10C / 100kHz
Rated ripple (mArms)
105C / 100kHz 0630 0630 0900 0860 0900 1220 1240 1240 1490 1490
330 390 470 560 680 820
331 391 471 561 681 821
8 x 11.5 8 x 11.5
0.090 0.090
0.180 0.180
0630 0630
8 x 11.5 8 x 11.5
0.090 0.090
0.180 0.180
0630 0630
0.090 0.090 0.063 0.062 0.063 0.044 0.049 0.049 0.035 0.035
0.180 0.180 0.126 0.124 0.126 0.088 0.098 0.098 0.070 0.070
1000 1200
102 122
8 x 15 10 x 12.5 10 x 12.5 10 x 16 8 x 20 10 x 16 10 x 20
0.062 0.063 0.063 0.049 0.044 0.049 0.035
0.124 0.126 0.126 0.098 0.088 0.098 0.070
0860 0900 0900 1240 1220 1240 1490
8 x 15 10 x 12.5 8 x 20 10 x 12.5 10 x 16 8 x 20 10 x 16 10 x 20 10 x 20 10 x 25 10 x 25 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25 16 x 31.5 18 x 25
0.062 0.063 0.044 0.063 0.049 0.044 0.049 0.035 0.035 0.033 0.033 0.029 0.029 0.022 0.022 0.018 0.026 0.016 0.019 0.017 0.018
0.124 0.126 0.088 0.126 0.098 0.088 0.098 0.070 0.070 0.066 0.066 0.058 0.058 0.044 0.044 0.036 0.052 0.032 0.038 0.034 0.036
0860 0900 1220 0900 1240 1220 1240 1490 1490 1680 1680 1890 1890 2280 2280 2720 2330 2940 2760 2810 2850
1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000
152 182 222 272 332 392 472 562 682 822 103
V (Code) Item
0.033
0.066
1680
10 x 20 10 x 25 10 x 25 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25 18 x 20 16 x 31.5 18 x 25
0.035 0.033 0.033 0.029 0.022 0.022 0.018 0.026 0.016 0.019 0.025 0.017 0.018
0.070 0.066 0.066 0.058 0.044 0.044 0.036 0.052 0.032 0.038 0.050 0.034 0.036
1490 1680 1680 1890 2280 2280 2720 2330 2940 2760 2640 2810 2850
12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25 18 x 20 16 x 31.5 18 x 25 18 x 25
0.029 0.022 0.022 0.018 0.026 0.016 0.019 0.025 0.017 0.018 0.018
0.058 0.044 0.044 0.036 0.052 0.032 0.038 0.050 0.035 0.036 0.036
1890 2280 2280 2720 2330 2940 2760 2640 2810 2850 2850
Cap.(F)
Co de
Case size D x L (mm)
25 (1E) Impedance () MAX.
20C / 100kHz - 10C / 100kHz
Rated ripple (mArms)
105C / 100kHz
Case size D x L (mm) 8 x 11.5 8 x 15 10 x 12.5 8 x 20 10 x 16
35 (1V) Impedance () MAX.
20C / 100kHz - 10C / 100kHz
Rated ripple (mArms)
105C / 100kHz 0630 0860 0900 1220 1240
180 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 4700
181 271 331 391 471 561 681 821 102 122 152 182 222 272 332 472 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25 18 x 20 18 x 25 0.022 0.018 0.026 0.016 0.019 0.025 0.018 0.044 0.036 0.052 0.032 0.038 0.050 0.036 2280 2720 2330 2940 2760 2640 2850 8 x 11.5 8 x 11.5 8 x 15 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 20 0.090 0.090 0.062 0.062 0.063 0.044 0.049 0.049 0.035 0.033 0.029 0.029 0.180 0.180 0.124 0.124 0.126 0.088 0.098 0.098 0.070 0.066 0.058 0.058 0630 0630 0860 0860 0900 1220 1240 1240 1490 1680 1890 1890
0.090 0.062 0.063 0.044 0.049
0.180 0.124 0.126 0.088 0.098
10 x 20 10 x 25 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 20 16 x 25 18 x 20 16 x 31.5 18 x 25 18 x 31.5
0.035 0.033 0.029 0.029 0.022 0.018 0.026 0.016 0.026 0.019 0.025 0.017 0.018 0.016
0.070 0.066 0.058 0.058 0.044 0.036 0.052 0.032 0.052 0.038 0.050 0.035 0.036 0.032
1490 1680 1890 1890 2280 2720 2330 2940 2330 2760 2640 2810 2850 2910
: In this case, 6 will be put at 12th digit of type numbering system. : In this case, 3 will be put at 12th digit of type numbering system.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPA1E822MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X