Part Number Hot Search : 
A200441 43650 SDM4884 BFN20 LVC1G0 78M05 330M35 ZMM9B1
Product Description
Full Text Search
 

To Download TJ150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek Current Transducer TJ25A .. TJ200A TJ 25A~200A
Features
iHighly reliable Hall Effect device iCompact and light weight iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (12 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems iIndustrial robots iNC tooling machines iElevator controllers iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iPower supply for laser processing machines iController for traction equipment e.g. electric trains iOther automatic control systems
Specifications
Parameter Nominal Input Current Linear Range Nominal Output Voltage Offset Voltage Output Resistance Hysteresis Error Supply Voltage Linearity Consumption Current Response Time (90%Vhn) Frequency bandwidth (-3dB) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr fBW RIS Ta Ts W Symbol Ifn Ifs Vhn Vos ROUT Voh VCC/VEE mV V % mA Psec Hz %/C mV/C V M C C g Unit A DC A DC V mV TJ 25A 25 75 TJ 50A 50 150 TJ 75A 75 225 TJ 100A 100 300 TJ 125A 125 375 TJ 150A 150 450 TJ 175A 175 525 TJ 200A 200 525
4 V1% at If=Ifn ( RL=10k ) Within 35 mV @ If=0, Ta=25C <100 (50 nominal) Within 35 mV @ If=Ifn 0 15V 5% Within 1% of Ifn 12 mA nominal, 15 mA max 7 Psec max. @ d If /dt = Ifn / Psec
DC to 50kHz Within 0.05 %/C @ Ifn Within 1.5 mV/C @ Ifn
AC2.5KV X 60 sec >1000 M -15C to 80C -20C to 85C 28 g
- 58 www.topstek.com
TJ
V080201
7/1/2008
Topstek Current Transducer TJ25A .. TJ200A
Appearance, dimensions and pin identification
All dimensions in mm 0.1, holes -0, +0.2 except otherwise noted.
- 59 www.topstek.com
TJ
V080201
7/1/2008


▲Up To Search▲   

 
Price & Availability of TJ150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X