Part Number Hot Search : 
TC124E D5233 XN0F256 MCP9701 XN0F256 78L05G LH1549AB E6651A
Product Description
Full Text Search
 

To Download TIP127-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
TIP125/126/127
* *
Features
*
*
The complementary NPN types are the TIP121/2/3 respectively Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Marking : part number
Parameter
Collector-base voltage (Open emitter)
Silicon PNP Darlington Power Transistors
Absolute Maximum Ratings @ Ta = 25(unless otherwise noted)
Symbol
VCBO TIP125 TIP126 TIP127 VCEO TIP125 TIP126 TIP127 VEBO IC ICM IB PC TJ TSTG
Value
Unit
V
-60 -80 -100 -60 -80 -100 -5 -5 -8 -0.12 2 40 150 -65 to +150
TO-220
B F C S Q T A U 12 H K 3
Collector-emitter voltage (Open base) Emitter-base Voltage(Open collector) Collector Current Collector Current Pulse Base Current Total Device Dissipation(Ta=25) Total Device Dissipation(Tc=25) Junction Temperature Storage Temperature Range
V
V A A A W W
Electrical Characteristics @ 25OC Unless Otherwise Specified Symbol Parameter Min
VCEO(SUS) TIP125 TIP126 TIP127 VCE(sat) VBE ICBO TIP125 TIP126 TIP127 ICEO TIP125 TIP126 TIP127 IEBO Hfe Collector-emitter sustaining voltage ( IC=-100mA; IB=0) Collector-emitter Saturation Voltage ( IC=-3A IB=-0.012A ) ( IC=-5A IB=-0.02A ) Base-emitter Voltage ( IC=-3A ; VCE=-3V ) Collector cut-off current ( VCB=-60V, IE=0) ( VCB=-80V, IE=0) ( VCB=-100V, IE=0) Collector cut-off current (VCE=-30V; VEB=0) (VCE=-40V; VEB=0) (VCE=-50V; VEB=0) Emitter cut-off current (VEB=-5V; IC=0) DC current gain (IC=-0.5A ; VCE=-3V) (IC=-3.0A ; VCE=-3V) Output capacitance ( IE=0 ; VCB=-10V,f=0.1MHz ) -60 -80 -100
Max
Units
V
L G N
V D
PIN 1. PIN 2. PIN 3.
J R
BASE COLLECTOR EMITTER
-2.0 -4.0 -2.5
V V
DIM A B C D F G H J K L N Q R S T U V
DIMENSIONS INCHES MM MIN MAX MIN MAX .560 .625 14.22 15.88 .380 .420 9.65 10.67 .140 .190 3.56 4.82 .020 .139 .190 --.012 .500 .045 .190 .100 .080 .045 .230 ----.045 .045 .161 .110 .250 .025 .580 .060 .210 .135 .115 .055 .270 .050 ----0.51 3.53 2.29 --0.30 12.70 1.14 4.83 2.54 2.04 1.14 5.84 ----1.15 1.14 4.09 2.79 6.35 0.64 14.73 1.52 5.33 3.43 2.92 1.39 6.86 1.27 -----
NOTE
-0.2
mA
-0.5
mA
-2.0 1000 1000 300
mA
COB
PF
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
www.mccsemi.com
Revision: 5
1 of 2
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;1Kpcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserve the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
2 of 2
2008/01/01


▲Up To Search▲   

 
Price & Availability of TIP127-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X