Part Number Hot Search : 
A1302 A3967SLB SK443 AM168 701230A 4002A2 NJM2701M M5279L07
Product Description
Full Text Search
 

To Download SWG12500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWG12500(12V50AH)
Outer dimensions (mm)
1
1
216
211
1
230 1
1
230 1 1
1
13 8
182 1
182 1
13 8
50
40
1
3 20
14
20
6 .2
M6
5
232
16
Sw G (1 2 1 2 5 0 0 V50 AH)
T9
T16
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx
T9 T16
12V
Capacity(%)
120 100 80 60 40 20 0 800 600 400 Number of cycles(cycles) 1000 1200 1400
50 Ah
232 mm (9.13 inches) 216 mm (8.43 inches)
208 mm (8.19 inches) 230 mm (9.10 inches) 138 mm (5.43 inches) 17.5 Kg (38.55 lbs)
100%DOD
50%DOD
30%DOD
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C Ich=0.10C
2.5h 5.0h
Idis=0.17C Ich=0.10C
1.5h 3.0h
211
200
Characteristics
Capacity 25 (77 ) 20 hour rate(2.50 A) 10 hour rate(4.60 A) 5 hour rate(7.36 A) 1 hour rate(27.6 A) 50.0 AH 46.0 AH 36.8 AH 27.6 AH Approx 12 m 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 12
97A
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage
23A
46A
9.2A
4.6A 2.5A
T9 T16 Initial Charging Current less than 18.4 A Cycle Voltage 14.10-14.40V Float Voltage 13.50-13.80V
4 6 8 10 20 40 60 2 (Min)
4 6 8 10 20 40 (h)
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time 5min
A W A W A W A W A W
)
10h 20h
10min
15min
30min
1h
2h
3h
4h
5h
8h
9.60V 10.20V 10.50V 10.80V 11.10V
1
1600


▲Up To Search▲   

 
Price & Availability of SWG12500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X