Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download SW675 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW675 (6V7.5AH)
Outer dimensions (mm)
151 34
S W 67 (6 V 7. 5S 5A H )
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 6V
Terminal Type (mm)
7.5 Ah 100 mm(3.94 inches) 94 mm(3.70 inches) 151 mm(5.94 inches) 34 mm(1.34 inches) 1.15 Kg(2.53 lbs)
3.2 6.35
4.75
94 100
3.4 7.85
0.8
T1
Discharge Curves 25 (77 )
T2
Characteristics
20 hour rate(0.375A) 7.50 AH 10 hour rate(0.69A) 6.90 AH 5 hour rate(1.28A) 6.40 AH 25 (77 ) 1 hour rate(4.50A) 4.50 AH 1.5 hour discharge to 5.25 V 3.0 A Internal Resistance Full charged Battery at 25 (77 ) 11 m Capacity 40 (104 ) 102% affected 25 (77 ) 100% by Temperature 0 (32 ) 85% (20hour rate) -15 (5 ) 65% Capacity Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) 91% 82% 64%
6.90 6.60 6.30 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 01 2
1.5A0.75A 3.0A 7.5A 27A 15A 22.5A
0.375A
4 6 8 10 20 4060 2
4 6 8 10 20 40
T1 or T2 Initial Charging Current less than 3.0A Cycle Voltage 7.20-7.35V Voltage 6.75-6.90 V Float
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
4.80V 5.10V 5.25V 5.40V 5.55V A W A W A W A W A W
)
10h 20h
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
R
0.8
6.35


▲Up To Search▲   

 
Price & Availability of SW675

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X