Part Number Hot Search : 
ACA1206 Q4840 ACA1206 Q4840 SC631 BA1407 T74FCT NPH15S
Product Description
Full Text Search
 

To Download SU2016330YP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2016P-
CONFIGURATION & DIMENSIONS
A
B
: 2.80 0.20 : 3.30 0.20 : 1.65 0.15 : : 0.90 typ. 0.90 typ.
m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m F2
B C D
A
A
E
F1 : 1.30 ref. F2 : 3.00 ref. G H I J R F1 G : 0.65 ref. : 2.10 ref. : 1.20 ref. : 1.00 ref. : 1.00 ref.
H
or
R
G
SCHEMATIC DIAGRAM
1.24 typ. ( PCB Pattern Suggestion )
MATERIALS
aCoreFerrite DR core bCoreFerrite RI core cWire Enamelled copper wire ( Class H ) dAdhesive Epoxy resin eTerminalAg/Ni/Sn fRemarkProducts comply with RoHS' requirements
250
50sec max.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
aTemp. rise 40 typ. bStorage temp.-40 ----+125 cOperating temp.-40----+105 dResistance to solder heat260.10 secs.
Temperature ( )
GENERAL SPECIFICATION
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
I
250
AR-001A
J
I
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2016P-
ELECTRICAL CHARACTERISTICS
DWG No. SU20161R0YP - SU20162R2YP - SU20163R0YP - SU20164R7YP - SU20166R0YP - SU2016100YP - SU2016150YP - SU2016220YP - SU2016330YP - SU2016470YP - SU2016680YP - SU2016101YP - Inductance ( H ) 1.0 30 2.2 30 3.0 30 4.7 30 6.0 30 10.0 30 15.0 30 22.0 30 33.0 30 47.0 30 68.0 30 100.0 30 Q ref. 8 8 8 8 9 9 10 12 12 15 18 25 Test Freq. SRF ( MHz ) ( MHz ) typ. 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 250 120 90 80 70 45 40 30 20 20 15 10 RDC Irms Isat ( m ) ( mA ) ( mA ) Marking max. typ. typ. typ. 45 80 105 165 190 330 500 760 1125 1650 2700 3750 60 105 135 215 250 430 650 990 1470 2100 3510 4900 2200 1600 1500 1150 900 875 600 430 410 310 220 190 1600 1000 870 740 630 520 400 370 290 220 175 155 A C E F G H I J K L M N
1). 2)."-
3). Inductance Test Freq. 100KHz /0.1V
4). Irms base on Temp. rise 40 typ. 5). Isat base on L / L0A=35% typ.
":Reference code
Packaging Information... ABulk BTaping Reel
@ Inductance VS. DC Current Curve 1000
100 Inductance ( uH )
101
10
100
1
1R0
0.1 0.01 0.1 1 10
DC Current ( A )
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2016P-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5
A
C
C
N
B
G
D
Embossed carrier
Carrier tape width : D
End
A A A A A A A A A
Start
Leader no component
Trailer no component
User direction of feed
( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 13 D 12 G 14 +0 N 50 -0
Unit:m/m T 16.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SU2016
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
1,000
120
07 - 12
40,000
6.2
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2016P-
DWGING NUMBER EXPRESSION
S
U
2
0
1
6 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification PLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D. 1,000 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2016P-
RELIABILITY TEST
Test item Specification Test condition Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Solderability
More than 95% of the terminal electrode Shall be covered With fresh solder.
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +105 30 minutes
Humidity test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1055 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2016P-
UL CARD
OBMW2 Magnet Wire-Comporent
October 06, 2005 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 180 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Polysol P155p
Mark Dsg
E180 A200 PN155 P155, G155 Pg155 Pp155,Gp155 P160 P180,G180 P170 or G170 PN180 P155p
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ____
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-75 MW-75 MW-79 MW-79 MW-82 MW-79 MW-79 MW-83 MW-79
Temp Class
180 200 155, 130 155, 130 130 155 155 180 155 155 180 155
MarkingCompany name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SU2016330YP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X