Part Number Hot Search : 
A8920SLR XXXBA HY5DU SK22X LSC2606 VR203 MPO40S03 74H78
Product Description
Full Text Search
 

To Download SPB-9110V-T3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPB-9110V-R3R5G
FEATURES
l l l l l l l l l l
SPB-9110V-R3R5G
1
***********************************************************************************************************************************************************************
(RoHS Compliant)
DESCRIPTION
1310 nm RX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
**********************************************************************************************************************************************************************
SMPTE 297-2006 Compliant 1-Fibre BIDI Dual Receiver with Simplex LC Speed from 50 Mbps to 3Gbps Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI Dual Receiver with Duplex LC Based on Industry Standard SFP Single +3.3 V Power Supply RoHS-6 Compliant 0 to 70oC Operation Hot Pluggable
The SPB-9110V-R3R5G is a 1-fibre dual channel optical single mode receiver module designed to receive optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for received the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Each receiver can receive signal from 50 Mbps to 3 Gbps with up to 30 km of single-mode fiber when using the SPB-9110V-T3T5G as the transmitter. A maximum distance of 10 km is achievable with 3Gbps pathological signals.
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces l High-density Video Routers
ORDER INFORMATION
P/No. Type Bit Rate (Mb/s) 50 to 3000 Bit Rate (Mb/s) 50 to 3000 RX1 (nm) 1310 TX1 (nm) 1310 Power (dBm) 0 to -5 Sen. (dBm) 0 to -20 (nm) 1550 RX2 Sen. (dBm) 0 to -20 LC SFP Package Package Temp (oC) 0 to 70 Temp (oC) 0 to 70 RoHS Compliant Yes RoHS Compliant Yes
SPB-9110V-R3R5G P/No.
2-RX Type
RELATED PRODUCTS
TX2 Power (nm) (dBm) 1550 DFB -3 to -8
SPB-9110V-T3T5G
2-TX
LC SFP
LINK DISTANCE
Transmitter SPB-9110V-T3T5G Receiver SPB-9110V-R3R5G SDI 3G-SDI HD-SDI SD-SDI Bit Rate 2.97Gbps 1.485Gbps 270Mbos Max. Link Distance (km) 10 21 30
ABSOLUTE MAXIMUM RATINGS
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
8/1/2009 V1.0
Optoway
Absolute Maximum Ratings Parameter Storage Temperature Operating Case Temperature Power Supply Voltage ESD Tolerance on all pins Relative Humidity Symbol Tstg Tc Vcc --Min -40 -20 0 5 Max 85 85 4 1 95
SPB-9110V-R3R5G
2
***********************************************************************************************************************************************************************
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Units o C o C V KV HBM % RH Notes
non-condensing
Recommended Operating Conditions Parameter Symbol Power Supply Voltage Vcc Operating Case Temperature Tc Baud Rate Power Supply Current Icc
Min 3.13 0 50
Typ 3.3
150
Max 3.47 70 3000 200
Units / Notes V o C Mb/s mA
Receiver Specifications (0oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter Optical Received Wavelength Sensitivity for SMPTE 424M 2.97 Gb/s Sensitivity for SMPTE 292M 1.485 Gb/s Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Optical Return Loss Electrical CML Output (Differential) RX1 RX2 Sen Sen Pa Pd 1260 1480 0 0 0 0 ---29 1 1310 1550 ---------27 550 660 850 135 270 800 1.5 0.5 Vcc+0.3 Vcc+0.3 0.5 1360 1580 -18 -20 -20 -21 -23 --6 nm nm dBm dBm dBm dBm dBm dBm dB dB mVp-p ps ps ps ns V V V V 1 2 Pathological PRBS 223-1, BER=1E-12 Pathological PRBS 223-1, BER=1E-12 Transition: low to high Transition: high to low Symbol Min Typ Max Units Notes
Optical Rise Time / Fall Time
tr / tf
AC coupled output 3, SMPTE 424M 3, SMPTE 292M 3, SMPTE 344M 3, SMPTE 259M
IOL=-1.6mA, 1 TTL unit load IOH=40A, 1 TTL unit load
Output LOS Voltage -- Low Output LOS Voltage -- High SCL, SDA 1. 2. 3.
V OL V OH V OH V OL
0 2.5 2.5 0
At least 30 dB optical isolation for the wavelength 1480 to 1580 nm. At least 30 dB optical isolation for the wavelength 1260 to 1360 nm. 20% to 80%, unfiltered.
MODULE DEFINITION
Module Definition 4 PIN 5 SCL PIN 6 SDA Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector (NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
8/1/2009 V1.0
Optoway
CONNECTION DIAGRAM
SPB-9110V-R3R5G
3
***********************************************************************************************************************************************************************
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Name Vee RX2RX2+ Vee SCL SDA Vee NC NC NC Vee RX1RX1+ Vee Vcc RX1 Vcc RX2 Vee NC NC NC
Function Signal Ground Negative Differential Output (2) Positive Differential Output (2) Signal Ground Serial I2C Clock Serial I2C Data Signal Ground No Connection No Connection No Connection Signal Ground Negative Differential Output (1) Positive Differential Output (1) Signal Ground Power Supply (1) Power Supply (2) Signal Ground No Connection No Connection No Connection
Notes
+3.3V5%, Internal connected
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
8/1/2009 V1.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
1 RD Re-Clocker RD + VCC 3.3V 5 4. 7K 4. 7K I2C CLK I2C DA TA 6 7 8 9 10 100 Differential 2 3 4 Vee RX2 RX2 + Vee SCL SDA Vee NC NC NC NC NC NC Vee Vcc_RX2 Vcc_RX1 Vee RX1 + RX1 Vee 20 19 18 17 16 15 14 13 12 11 100nF 100nF
SPB-9110V-R3R5G
4
***********************************************************************************************************************************************************************
10uF
1uH 1uH
VCC 3.3V
10uF 100nF
10uF
RD + 100 Differential RD Re-Clocker
1. Consult Chipset manufacturer's data sheet and application data for appropriate receiver input biasing network.
PACKAGE DIAGRAM (Units in mm)
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
8/1/2009 V1.0
Optoway
REVISION HISTORY
Version
1.0 Initial datasheet
SPB-9110V-R3R5G
Subject Release Date
2009/8/1
5
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
8/1/2009 V1.0


▲Up To Search▲   

 
Price & Availability of SPB-9110V-T3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X