Part Number Hot Search : 
CY7C104 MC34117 KTC3770 MVAM108 7226M00 MC341 08U0M OP240SL
Product Description
Full Text Search
 

To Download SMD250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: SMD250
DOCUMENT: SCD 22295 PCN: 544467 REV LETTER: J REV DATE: JULY 2, 2002 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Ratings
Operating Voltage / Interrupt Current
15V / 40A 12V / 60A 5V / 125A
C
H
B G D A E F
Marking
250
Manufacturer's Mark Part Identification
Notes: 1. All metal surfaces are tin plated. 2. Devices cannot be wave soldered. 3. Drawing not to scale.
TABLE I. DIMENSIONS:
A B C D E F G H MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN mm: 8.00 9.40 -3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 in*: (0.315) (0.370) -(0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) *Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS** AMPS AT 0C HOLD TRIP 2.8 6.0 AMPS AT 20C HOLD TRIP 2.5 5.0 TIME TO TRIP** TRIPPED-STATE POWER DISSIPATION** OHMS WATTS AT AT 20C 20C MIN MAX* MAX 0.035 0.085 1.9 RESISTANCE VALUES
AMPS SECONDS AT AT 60C 20C, 8.0A HOLD TRIP MAX 1.6 3.8 25
* Maximum resistance is measured 1 hour after reflow. ** Values specified were determined using PCB's with 0.070"X1.5 ounce copper traces. Reference Documents: Precedence: Effectivity: CAUTION: PS300, E.N. SMD 1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of SMD250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X