Part Number Hot Search : 
SD2D2C HCF4014B 12S15 SN20086 20122 RPML0524 10050 EHS4Z1
Product Description
Full Text Search
 

To Download SM2025-44L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM2025-44L
2000-2500 MHz 25 Watt Linear Power Amplifier FOR DVB APPLICATIONS
This solid state GaAs FET amplifier is designed for 3G wireless systems. The unit uses a built in linearizer, which improves the OIP3 by almost 9 dB. The amplifier's operating frequency range is 2.0 to 2.5 GHz, the linear gain is 55 dB, the P1dB is +44 dBm, and the OIP3 is +63 dBm. The unit is available in modular form (standard), or as a rack mountable amplifier. Features * * * * * * Mis-Match Protected Single Power Supply Over Voltage Protection Thermal Protection with Auto Reset Temperature Compensation Integral Output Isolator
Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Gain Change over Temperature Input/Output Return Loss DC Input Voltage
Specification 2.0 - 2.5 GHz + 44 dBm + 63 dBm (typ. over full band) 55 dB 1 dB .5 dB .5 dB -16 dB / -18 dB (Output Isolator) + 12 Volts 8.5 Amperes (Varies per application) 7.5 x 3.97x 0.79 inches SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * * * Forward/Reverse Power Detection RF Sampling Pulse Control with switching speeds up to 100 kHz. Logic On/Off Control Heatsink
Configurations
DC Input Current
* * *
Module Laboratory Unit 19" Rack
Mechanical Dimensions Without Heatsink RF Connectors Operating Temperature Operating Humidity Operating Altitude
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM2025-44L
2000-2500 MHz 25 Watt Linear Power Amplifier FOR DVB APPLICATIONS
DIMENSIONS IN INCHES
RF INPUT
CNTL GND ON/OFF +12VDC +12VDC
INCORPORATED
RF SMPL
REV
Made in USA
RF OUTPUT
HEATSINK OPTION
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
GND RF SMPL REV Made in USA RF OUTPUT
CNTL +12VDC ON/OFF +12VDC
Model SM2025-44L
2000-2500 MHz 25 Watt Linear Power Amplifier FOR DVB APPLICATIONS
Pin RF INPUT RF OUTPUT RF SAMPLE GND FWD REV +12VDC ON/OFF CNTL
Description Input Connector (Female SMA) Output Connector (Female SMA) Sample RF Port (Female SMA) Ground Turret Forward Power Detector Reverse Power Detector DC Input Voltage TTL Logic On/Off TTL Pulse Control
Values - 10 dBm, typical +44dBm @P1dB 30 dBr --+ 38 dBm Output Power + 2.5 Volts VSWR @ + 38 dBm + 3.0 Volts + 12 Volts @ 8.5 Amperes (typ.) 0 Volts = Off, + 5 Volts = On Switching Speed up to 100 kHz
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM2025-44L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X