Part Number Hot Search : 
A2822M SMS12 A2822M 78012 XB0126P D271K 68200 LTC3205
Product Description
Full Text Search
 

To Download SI2301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SI2301
Features
* * * * * * * -20V,-2.8A, RDS(ON)=120m@VGS=-4.5V RDS(ON)=150m@VGS=-2.5V High dense cell design for extremely low RDS(ON) Rugged and reliable High Speed Switching SOT-23 Package Marking Code: S1 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
P-Channel Enhancement Mode Field Effect Transistor
SOT-23
A D
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol VDS ID IDM VGS PD RJA TJ TSTG Parameter Drain-source Voltage Drain Current-Continuous Drain Current-Pulsed a Gate-source Voltage Total Power Dissipation Thermal Resistance Junction to Ambientb Operating Junction Temperature Storage Temperature Rating -20 -2.8 -10 8 1.25 100 -55 to +150 -55 to +150 Unit V A A V W /W
3
1.GATE
C B
2. SOURCE 3. DRAIN
1
F E
2
G K
H
J
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
Internal Block Diagram
D
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
G
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
S
.037 .950 .037 .950
www.mccsemi.com
Revision: 3
1 of 5
2008/01/15
MCC
TM
Micro Commercial Components
SI2301
TA = 25 C unless otherwise noted Symbol BVDSS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 0V, IS = -0.75A VDS = -6V, ID = -2.8A, VGS = -4.5V VDD = -6V, ID = -1A, VGS = -4.5V, RGEN = 6 Test Condition VGS = 0V, ID = -250A VDS = -20V, VGS = 0V VGS = 8V, VDS = 0V VGS = -8V, VDS = 0V VGS = VDS, ID = -250A VGS = -4.5V, ID = -2.8A VGS = -2.5V, ID = -2.0A VDS = -5V, ID = -2.8A -0.45 80 110 8 880 270 175 11 5 32 23 11 1.5 2.1 -0.75 -1.2 20 10 65 45 14.5 120 150 Min -20 -1 100 -100 Typ Max Units V
A
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics c Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics d Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current b Drain-Source Diode Forward Voltage c
d
nA nA V m m S pF pF pF ns ns ns ns nC nC nC A V
VDS = -6V, VGS = 0V, f = 1.0 MHz
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature. b.Surface Mounted on FR4 Board, t < 5 sec. c.Pulse Test : Pulse Width < 300s, Duty Cycle < 2%. d.Guaranteed by design, not subject to production testing.
www.mccsemi.com
Revision: 3
2 of 5
2008/01/15
MCC
TM
Micro Commercial Components
SI2301
10 25 C
10 -VGS=4.5,4,3,V
-ID, Drain Current (A)
8 -VGS=2.5V 6
-ID, Drain Current (A)
8
6
4
-VGS=2.0V
4
2 0 0 1 2 3
-VGS=1.5V
2 TJ=125 C 0 -55 C 1.5 2.0 2.5 3.0
4
5
0.0
0.5
1.0
-VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
1200 1000 800 600 400 200 0 0 2 4 6 8 10 2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
-VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
C, Capacitance (pF)
Ciss
Coss Crss
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
ID=-2.8A VGS=-4.5V
-50
0
50
100
150
200
-VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature -IS, Source-drain current (A)
VGS=0V
1
VTH, Normalized Gate-Source Threshold Voltage
VDS=VGS ID=-250A
10
10
0
10 -25 0 25 50 75 100 125 150
-1
0.2
0.4
0.6
0.8
1.0
1.2
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
-VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
www.mccsemi.com
Revision: 3
3 of 5
2008/01/15
MCC
TM
Micro Commercial Components
SI2301
10
2
-VGS, Gate to Source Voltage (V)
5 V =-6V DS ID=-2.8A 4
-ID, Drain Current (A)
10
1
RDS(ON)Limit 1ms 10ms 100ms 1s DC
3
10
0
2
10
-1
1
0 0 3 6 9 12
10
-2
TA=25 C TJ=150 C Single Pulse
-1
10
10
0
10
1
10
2
Qg, Total Gate Charge (nC) Figure 7. Gate Charge
-VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
VDD t on V IN D VGS RGEN G
90%
toff tr
90%
RL VOUT
td(on) VOUT
td(off)
90% 10%
tf
10%
INVERTED
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
10
0
r(t),Normalized Effective Transient Thermal Impedance
D=0.5 0.2
10
-1
0.1 0.05 0.02 0.01 PDM t1 t2 1. R JA (t)=r (t) * R JA 2. R JA=See Datasheet 3. TJM-TA = P* R JA (t) 4. Duty Cycle, D=t1/t2
10
-2
Single Pulse
-3
10
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance Curve
www.mccsemi.com
Revision: 3
4 of 5
2008/01/15
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
5 of 5
2008/01/15


▲Up To Search▲   

 
Price & Availability of SI2301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X