Part Number Hot Search : 
0015800 1N5187E3 05WS24 0515D 40240 0N60B PRN101 A1215
Product Description
Full Text Search
 

To Download SC5387S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC5387
3D EFFECT AUDIO PROCESSOR
DESCRIPTION
The SC5387 is a 3D Effect Audio Processor IC utilizing CMOS Technology. It features a specially designed HRTFs filter and spaceenhanced circuit, thereby, guaranteeing excellent audio quality and performance. Least external components, excellent 3D effect audio output, built-in LED display driver add to the enhanced quality of SC5387. Pin assignment and application circuit are optimized for cost saving advantages and easy PCB layout.
FEATURES
* CMOS Technology * Low Total Harmonic Distortion and High S/N Ratio: THD+N<0.01%, S/N>95dB * Built-in LED Display Driver * Least External Components * Wide Operating Voltage Range: 5 - 9 V * 2-Channel Output
ORDERING INFORMATION
Device SC5387 SC5387S Package DIP-8--300-2.54 SOP-8-225-1.27
APPLICATIONS
* Car Audio * Mini compo * Multimedia Audio Components * Home Stereo
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 1 of 5
SC5387
ABSOLUTE MAXIMUM RATINGS
Characteristics Supply Voltage Operating Temperature Storage Temperature Input Voltage Symbol VCC Topr Tstg Vi Ratings 12 -20 ~ 75 -40 ~ 125 -0.3 ~ Vcc+0.3 Unit V C C V
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, VCC=9V, Vi=1Vrms, f=1kHz)
Characteristics Supply Voltage Supply Current Maximum Output Voltage Output Noise Symbol VCC ICC VOM eNO mode VCC = 9V VCC = 9V, Vi = 0V, BW = 20~20kHz A - Weighting VCC = 9V, Vi = 0.2Vrms, Total Harmonic Distortion Input Impedance Output Impedance High Level Input Voltage Low Level Input Voltage Maximum Input Voltage THD RIN ROUT VIH VIL VIMAX BW = 20~20kHz, By-Pass mode VCC = 9V VCC = 9V VCC = 9V VCC = 9V VCC = 9V, By-Pass mode ---0.3Vcc -100 40 ----80 0.7VCC -2.0 k V V Vrms --0.05 % Test conditions -VCC = 9V, Vi = 0V, By-Pass Min. 5 -2.5 -Typ. 9 20 --90 Max. 10.0 ---Unit V mA Vrm dB
PIN CONFIGURATION
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 2 of 5
SC5387
PIN DESCRIPTION
Pin No 1 2 3 4 5 6 7 8 Symbol VREF GND 3D ROUT RIN LIN LOUT VCC Ground Pin. 3D Effect Control Pin. Right Channel Output Pin. Right Channel Input Pin. Left Channel Input Pin. Left Channel Output Pin. Positive Power Supply Function 1/2 VCC, Connect a Capacitor to GND
FUNCTIONAL DESCRIPTION
The 3D effect of SC5387 is controlled by Pin No.3 (3D Pin) via a TACT Swich which is triggered when connected to VCC (" High" Please refer to the diagram below. ).
LED Display Driver
SC5387 has a built- LED driver which is used to display the 3D activity status. Please refer to the table below. in 3D / Surround Effect OFF LED Display OFF 3D / Surround Effect ON LED Display ON
APPLICATION CIRCUIT
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 3 of 5
SC5387
PACKAGE OUTLINE
DIP-8-300-2.54
2.54
UNIT: mm
6.35 0.25
1.52 15 degree
+0.4 9.40 -0.3
0.5MIN 3.00MIN
+0.35 0.89 -0.30 0.46
SOP-8-225-1.27
0.42
4.36MAX
7.62 0.30
0.25 0.05
UNIT: mm
0.200.05 1.27
5.00.3
0.150.10
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 4 of 5
SC5387
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against electrostatic discharge but they can be damaged if the following precautions are not taken: * Persons at a work bench should be earthed via a wrist strap. * Equipment cases should be earthed. * All tools used during assembly, including soldering tools and solder baths, must be earthed. * MOS devices should be packed for dispatch in antistatic/conductive containers.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 5 of 5


▲Up To Search▲   

 
Price & Availability of SC5387S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X