Part Number Hot Search : 
2N2855 12ETD KA5M0280 DTU40N10 2931C 2SC6040 IDTQS TLHG4201
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
SB120 thru SB1200
REVERSE VOLTAGE - 20 to 200 Volts FORWARD CURRENT - 1.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
A
DO-41
B A
C D
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic Polarity : Color band denotes cathode Weight : 0.318 grams Mounting position : Any
DO-41 Dim. A B C Min. 25.4 4.20 0.70 Max. 5.20 0.90
2.00 2.70 D All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range Storage Temperature Range
SYMBOL VRRM V RM S VD C IF IFSM VF IR CJ R JA TJ TSTG
SB 120 20 14 20
SB 130 30 21 30
SB 14 0 40 28 40
SB 150 50 35 50
SB 160 60 42 60 1.0 30.0
SB 180 80 56 80
SB 1100 100 70 100
SB 1150 150 105 150
SB 1200 200 140 200
UNIT V V V A A
0.50 0.5 10.0 70
0.70
0.85 0.2 2.0
0.87
0.90
V mA
50 70 -55 to +125 -55 to +150
40
30
pF C/W C C
CTC0074 Ver. 2.0
1 of 2
SB120 thru SB1200
Compact Technology
SB120 thru SB1200
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
2.5
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
100.00 SB120~SB140 INSTANTANEOUS FORWARD CURRENT (A) SB150~SB160 SB180~SB1100 SB1150~SB1200
AVERAGE FORWARD CURRENT,(A)
2.0
10.00
1.5
1.00
1.0
0.10
0.5
0.0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE ( )
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE (V)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50 PEAK FORWARD SURGE CURRENT (A)
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100.000
REVERSE LEAKAGE CURRENT (mA)
40
10.000
30
1.000
100
20
0.100
10
0.010
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0.001 20%
25 40% 60% 80% 100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE (pF)
SB120~SB140 150 SB150~SB160 SB180~SB1100 SB1150~SB1200 100
50
0 0 1 10 100 REVERSE VOLTAGE (V)
CTC0074 Ver. 2.0
2 of 2
SB120 thru SB1200


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X