Part Number Hot Search : 
2B100 UPC4084C NTE553 SPT7936 AO6802L 08P1K SR4060P ADT731
Product Description
Full Text Search
 

To Download RS3-XX15D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 and 3:1 Wide Input Voltage Ranges 1kVDC, 2kVDC and3kVDC Isolation UL94V-0 Package Material Continuous Short Circuit Protection Low Ripple and Noise Remote On/Off Control Efficiency to 83 %
ECONOLINE
DC/DC-Converter
Description
Very high power density, 2:1 or 3:1 input voltage range and a wide operating temperature range -40C~+71C and extra features such as On/Off control are just some of the characteristics of this converter which is ideal for highly sophisticated industrial designs.The RS3 is available with 2kV or 3kV isolation options (1kVDC is standard)
Selection Guide
Part Number SIP8 RS3-xx3.3S (H2/H3) RS3-xx05S RS3-xx09S RS3-xx12S RS3-xx15S (H2/H3) (H2/H3) (H2/H3) (H2/H3) Input Rated Output Output Current Voltage Range Voltage Full Load (VDC) (VDC) (mA) 4.5-9, 9-18 3.3 600 18-36, 36-72 4.5-9, 9-18 5 600 18-36, 36-72 4.5-9, 9-18 9 333 18-36, 36-72 4.5-9, 9-18 12 250 18-36, 36-72 4.5-9, 9-18 15 200 18-36, 36-72 4.5-9, 9-18 3.3 300 18-36, 36-72 4.5-9, 9-18 5 300 18-36, 36-72 4.5-9, 9-18 9 167 18-36, 36-72 4.5-9, 9-18 12 125 18-36, 36-72 4.5-9, 9-18 15 100 18-36, 36-72 9-27 3.3 600 20-60 9-27 5 600 20-60 9-27 9 333 20-60 9-27 12 250 20-60 9-27 15 200 20-60 9-27 3.3 300 20-60 9-27 5 300 20-60 9-27 9 167 20-60 9-27 12 125 20-60 9-27 15 100 20-60 Efficiency typ. (%) 73-75 77-78 76-79 80-81 77-80 81-82 80-81 83 80-81 83 73-75 75 76-80 80-81 77-81 81 78-83 83 79-83 83 73 74 76-79 78 77 79 80 80 80 80 73 74 77 78 79 79 80 80 80 80 Capacitive Load max. 1000F 1000F 470F 220F 100F 470F 470F 220F 100F 47F 1000F 1000F 470F 220F 100F 470F 470F 220F 100F 47F
3 Watt SIP8 Isolated Single & Dual Output
2002/95/EC 6/6
RoHS
RS3-xx3.3D (H2/H3) RS3-xx05D RS3-xx09D RS3-xx12D RS3-XX15D (H2/H3) (H2/H3) (H2/H3) (H2/H3)
EN-60950-1 Certified EN-60601-1 Certified ( Suffix /H2 or /H3)
RS3
RS3-xx3.3SZ (H2/H3) RS3-xx05SZ (H2/H3) RS3-xx09SZ (H2/H3) RS3-xx12SZ (H2/H3) RS3-xx15SZ (H2/H3) RS3-xx3.3DZ (H2/H3) RS3-xx05DZ (H2/H3) RS3-xx09DZ (H2/H3) RS3-xx12DZ (H2/H3) RS3-XX15DZ (H2/H3)
2:1 Input (RS3-S/D) xx = 4.5-9Vin = 05 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48
3:1 Input (RS3-SZ/DZ) xx = 9-27Vin = 24 xx = 20-60Vin = 48
Refer to Application Notes E-89
www.recom-international.com
REV:0/2010
ECONOLINE
DC/DC-Converter
RS3-S_D/(Z) Series
2:1 and 3:1 Nominal Vin and full load LL to HL, full load 20% to 100% full load 20MHz limited 20% to 100% full load RS-05xxS_D RS-12xxS_D RS-24xxS_D, SZ_DZ RS-48xxS_D, SZ_DZ (tested for 1 second) H2 H3 (long term isolation) H1 H2/H3 2% typ. 0.5% max. 0.5% typ. 50mVp-p max. 200kHz typ. see Selection Guide 35mA typ. 25mA typ. 20mA typ. 10mA typ. 1000VDC min. 2000VDC min. 3000VDC min. see Application Notes 200pF max. 30pF max. 1G min. Continuous -40C to +71C -55C to +125C 95% RH 4.7g 22 pcs per Tube using MIL-HDBK 217F using MIL-HDBK 217F 3303 x10 hours 745 x10 hours
100 80
Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range Output Accuracy Line Voltage Regulation Load Voltage Regulation Output Ripple and Noise Switching Frequency Efficiency at Full Load Quiescent Current Nominal input Voltage (Standard, /H2 and /H3) Isolation Voltage (2:1 and 3:1)
Derating-Graph
(Ambient Temperature)
RS3-(Z)S_D
Output Power (%)
60 40 30 20 0
Safe Operating Area
Rated Working Voltage Isolation Capacitance (2:1 and 3:1) (tested at 100kHz) Isolation Resistance Short Circuit Protection Operating Temperature Range Storage Temperature Range Relative Humidity Package Weight Packing Quantity MTBF (+25C) (+71C)
71 Operating Temperature C
-40
0
50
85
150
RS3
}
Detailed Information see Application Notes chapter "MTBF"
Typical Characteristics
RS3-xxxxS
80 4805S 2405S 1205S 0505S 80 4805D 2405D 1205D 0505D
RS3-xxxxD
75
75
Efficiency (%)
Efficiency (%)
400
70
100
200
300
500
600
70
50
100 150 200 250
300
Output Current ( mA ) Efficiency Vs Load ( Nominal Vin )
Output Current ( mA ) Efficiency Vs Load ( Nominal Vin )
E-90
REV: 0/2010
www.recom-electronic.com
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RS3-S_D(Z) Series
3rd angle projection 9.20
Single Output Dual Output
11.10 4.1 typ.
RECOM RS3-xxxx ****
0.500.05
RECOM RS3-xxxxS(Z) ****
123 5678
RECOM RS3-xxxxD(Z) ****
123 5678
0.500.05
Recommended Footprint Details
1.0o+0.15/0
Pin Connections Pin #
1 2 3 5 6
Single
-Vin +Vin CTRL NC +Vout -Vout NC
Dual
-Vin +Vin CTRL NC +Vout Com -Vout
21.80 0.32
Bottom View
2.54
3.20 2.0 2.54
Top View
7 8
Notes
Pin 8 (NC*) This pin is used internally and must have no external connection. Pin 5 (NC) Not connected internally..
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
Pin 3 (CTRL) This pin provides an Off function which puts the converter into a low power mode. When the pin is `high' the converter is OFF and when the pin is high `Z' the converter is ON. There is no allowed low state for this pin.
RS3
Application Examples
TTL Remote CTRL Circuit
Control Pin Input Current: 10mA
+Vin 10 KW (see text) Ctrl (TTL) -Vin 4.7 KW 20 KW -Vout RSO/RS/RS3 +Vout
Voltage Set Point Accuracy with external input/output capacitors refer to typ. 1% recommended test circuit: max. 2% Control Pin (CTRL) Input Current, control voltage applied via 1K resistor, output voltage must reduce to 0V:
typ. 3mA max. 6mA
Voltage to be applied via a limiting resistor with a recommended value of 1K for RS3-05xx; 3.3K for RS3-12xx; RS3-24xx and 10K for RS3-48xx.
Isolated Remote CTRL Circuit
+Vin Remote Optocoupler -Vin (see text) -Vout +Vout
RSO/RS/RS3
www.recom-international.com
REV:0/2010
E-91


▲Up To Search▲   

 
Price & Availability of RS3-XX15D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X