Part Number Hot Search : 
TDA6111 MICA04 TMP47C M3561 STD7NM80 Z36BP 2N3134 KRA572E
Product Description
Full Text Search
 

To Download RFMA1314-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFMA1314-2W
UPDATED 01/03/2005
13.75 - 14.50 GHz Power Amplifier MMIC
FEATURES
* * * * 13.75- 14.50GHz Operating Frequency Range 32.5dBm Output Power at 1dB Compression 30.0 dB Typical Power Gain @ 1dB Gain Compression -41dBc Typical OIM3 @ each tone Pout 21.5dBm
Excelics
RFMA1314 -2W
APPLICATIONS
* * Point-to-point and point-to-multipoint radio Military Radar Systems Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL F P1dB G1dB OIMD3 Input RL Output RL Idd Vdd Vgg Rth Tb PARAMETER/TEST CONDITIONS Operating Frequency Range Output Power at 1dB Gain Compression Gain @ 1dB gain compression Output 3rd Order Intermodulation Distortion @f=10MHz, Each Tone Pout 21.5dBm Input Return Loss Output Return Loss Drain Current Drain Voltage Gate Voltage Thermal Resistance (Au-Sn Eutectic Attach) Operating Base Plate Temperature -30 MIN 13.75 31.5 27.0 32.5 30.0 -41 -10 -15 1900 7 -5 4.0 4.5 +80
o
TYP
MAX 14.50
UNITS GHz dBm dB
-38 -8 -8 2150 8
dBc dB dB mA V V C/W C
MAXIMUM RATINGS @25C
SYMBOL VDD VGG IDD IGG PIN TCH TSTG PT CHARACTERISTIC Drain Supply Voltage Gate Supply Voltage Drain Current Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE 12V -8V Idss 240mA 20dBm 175C -65/175C 30.0W CONTINUOUS 8V -3V 3.6A 40mA @ 3dB compression 150C -65/150C 25.2W
1,2
1. Operating the device beyond any of the above rating may result in permanent damage. 2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH -Tb)/RTH; where Tb = operating base plate temperature Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 2 Revised January 2005
RFMA1314-2W
UPDATED 01/03/2005
13.75 - 14.50 GHz Power Amplifier MMIC
Package Outline
Excelics
RFMA1314 -2W
All dimensions in inches [mm]
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 2 of 2 Revised January 2005


▲Up To Search▲   

 
Price & Availability of RFMA1314-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X