Part Number Hot Search : 
IDP23E60 TFS365B MJ14003G CH29BU AN5265 SY8024 IN74HC Q800301
Product Description
Full Text Search
 

To Download PSA-40-271 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40W Universal Input Series PSA-40 Disk Drive Power Supply
TUV Rheinland
Features * Class B EMI filter * 100% Burn-in Applications * Gigbyte disk drives * Industrial computers
* "Power-On" LED connector * 12VDC fan connector * CD/Optical drives * Business machines
Safety Approvals * UL 1950D3 (E134610) * TUV (R9352071) * CSA 22.2 1402C Level 3 (LR56927-104) Mechanical Characteristics Dimensions: * Length: 177.8mm (7.0in.) * Width: 50.8mm (2.0in) Output Specifications
Model DC Output Voltage (1) Min. Load Max. Peak Ripple (3) P-P Regulation (4) Line Load
* Height: 32mm (1.25in) * Weight: 260gm
PSA-40-271
+5V +12V
0.2A 0A
3A 2A
4.5A
50mV 100mV
+3% +4%
+3% +4%
(1) +5V adjustable +10% (+12 will track). Preset to 5V +2/-0% at 50% rated load. (2) Total peak wattage must not exceed 60 watts. The +12V peak of 4.5A is for a maximum of 30 seconds. During peak loading, the +12V regulation limits are +4/-7%. (3) Measured by using a 12 inch twisted pair terminated with a 10mfd capacitor and 0.1mfd ceramic capacitor in parallel with primary and secondary ground holes connected together. (4) Cross regulation is +5%.
PHIHONG
PSA-40 Disk Drive Power Supply
Characteristics Ac Input Voltage 90VAC-260VAC AC Frequency 47 to 63Hz AC Input Current 2A maximum AC Leakage Current 0.75mA maximum (240VAC, 50Hz) AC Inrush Current (Cold) 15A at 115VAC 20A at 240VAC Efficiency 70% typical at full load, 120VAC Overcurrent Protection Short circuit protected Auto-restart Operation Temperature 0 to 50C Storage Temperature -40 to +85C MTBF Calculated Greater than 150,000 hours, (MIL-HDBK-217) EMI FCC Class B VDE VFG-243 VDE 0871 Class B AC Mating Connector Molex 09-50-1031 DC Mating Connectors LED & Fan: Molex 22-01-1023 Power: Molex 09-50-1041
ENTERPRISE CO., LTD.
16, Lane 530, Chung Cheng N. Rd. Sanchung City, Taipei Taiwan 24103, R.O.C. Phone: 886-2-988-2126 886-2-980-5255 Fax: 886-2-981-7086 886-2-983-3222
Dimension Diagram Unit: mm (inch)
PHIHONG USA
U.S. Headquaters:
48607 Warm Springs Blvd. Fremont, CA 94539 Phone: (510) 445-0100 Fax: (510) 445-1678 Email: usasales@phihongusa.com Internet: http://www.phihongusa.com
Eastern Office:
3005 Brodhead Road Bethlehem, PA 18017 Phone: (610) 866-9911 Fax: (610) 866-9920
Southwestern Office:
3325 Cochran St., Suite 200 Simi Valley, CA 93063 Phone: (805) 520-8177 Fax: (805) 520-3907
40/703
ISO 9001 * BABT Facility Approvals
40W Universal Input Series
Hold-up Time 16msec. at full load, 120VAC Switching Frequency 50KHz, typical Overvoltage Protection 5.6-6.5VDC (+5 only)


▲Up To Search▲   

 
Price & Availability of PSA-40-271

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X