Part Number Hot Search : 
HTG12G0 13025RA PRN111 FN3054 C2500 1862623X 601F0575 601F0575
Product Description
Full Text Search
 

To Download PCF0J820MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CF
Chip Type, Standard
series
Ultra Low ESR, High ripple current. Load life of 2000 hours at 105C. SMD type : Lead free reflow soldering condition at 260C peak correspondence. Adapted to the RoHS directive (2002/95/EC).
Specifications
Item Category Temperature Range Rated Voltage Range Performance Characteristics
- 55 ~ +105C 2.5 ~ 25V 20% at 120Hz, 20C
Not more than value of Standard ratings at 120Hz, 20C Not more than value of Standard ratings at 100kHz, 20C
Rated Capacitance Range 6.8 ~ 1500F Capacitance Tolerance tan ESR ( 1) 2)
Leakage Current (
Not more than value of Standard ratings. Z+105C / Z+20C Z- 55C / Z+20C 1.25 1.25 (100kHz)
After 2 minute's application of rated voltage.
20C
Characteristics of Temperature Impedance Ratio
Endurance
After 2000 hours' application of rated voltage at 105C, capacitors meet the specified value for life characteristics listed at right.
Capacitance change tan ESR ( 1) Leakage current ( 2) Capacitance change tan ESR ( 1) Leakage current ( 2)
Within 20% of initial value ( 3) 150% or less of the initial specified value 150% or less of the initial specified value Initial specified value or less Within 20% of initial value ( 3) 150% or less of the initial specified value 150% or less of the initial specified value Initial specified value or less
Damp Heat
After 1000 hours' application of rated voltage at 60C 90%RH, capacitors meet the specified value for life characteristics listed at right. To comply with recommended conditions for reflow soldering. Pre-heating shall be done at 150 ~ 200C and for 60 ~ 180 sec. In the case of peak temp, less than 250C, reflow soldering shall be within two times. In the case of peak temp, less than 260C, reflow soldering shall be once. Measurement for solder temperature profile shall be made at the capacitor top and the terminal. Navy blue print on the case top
Resistance to Soldering Heat
Capacitance change tan ESR ( 1) Leakage current ( 2)
Within 10% of initial value ( 3) 130% or less of the initial specified value 130% or less of the initial specified value Initial specified value or less
Marking
1 ESR measurements should be made at a point on the terminal nearest where the terminals protrude through the plastic platform. 2 Conditioning : If there is doubt about the measured result, measurement should be made again after the rated voltage is applied for 120 minutes at the temperature of 105C. 3 Initial value : The value before test of examination of resistance to soldering.
Dimensions
Capacitance
Type numbering system (Example : 6.3V 150F)
C0.2 0.5 MAX.
Negative A0.2
Voltage
V Code 2.5 e 4 g 6.3 j 10 A 16 C 20 D 25 E
Lot No.
BD + 0.5 MAX.
Plastic platform 0.3 MAX.
Positive
CF 150 j 6X1
B0.2
Series
Voltage ( j:6.3v)
L +0.1 -0.4
H
(mm) Size D L A B C E H 6.3 x 6L 6.3 5.9 7.3 6.6 6.6 2.1 0.5 ~ 0.8 8 x 7L 8.0 6.9 9.0 8.3 8.3 3.2 0.8 ~ 1.1 10 x 8L 10.0 7.9 11.0 10.3 10.3 4.6 0.8 ~ 1.1 10 x 10L 10.0 9.9 11.0 10.3 10.3 4.6 0.8 ~ 1.1
Dimension table in next page.
E
CAT.8100V
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CF
series
Standard ratings
Rated Voltage (V) (code) Rated Capacitance (F) Case Size DxL (mm) tan Leakage Current (A) ESR (m) (at 100kHz 20C) Rated ripple (mArms) Part Number
2.5 (0E)
4 (0G)
6.3 (0J)
10 (1A)
16 (1C)
20 (1D)
25 (1E)
100 220 470 820 1500 100 150 220 330 470 680 820 82 100 120 150 220 330 470 470 680 47 56 120 150 150 270 330 470 560 33 39 56 82 150 180 220 22 39 68 82 120 6.8 10 22 47
6.3 x 6 6.3 x 6 8x7 10 x 8 10 x 10 6.3 x 6 6.3 x 6 8x7 8x7 10 x 8 10 x 8 10 x 10 6.3 x 6 6.3 x 6 6.3 x 6 8x7 8x7 10 x 8 10 x 8 10 x 10 10 x 10 6.3 x 6 6.3 x 6 8x7 8x7 10 x 8 10 x 8 10 x 8 10 x 10 10 x 10 6.3 x 6 6.3 x 6 8x7 8x7 10 x 8 10 x 8 10 x 10 6.3 x 6 8x7 10 x 8 10 x 8 10 x 10 6.3 x 6 8x7 10 x 8 10 x 10
0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12
100 110 235 410 750 80 120 176 264 376 544 656 103 126 151 189 277 416 592 592 856 94 112 240 300 300 540 660 940 1120 106 124 179 262 480 576 704 88 156 272 328 480 85 125 275 587
22 20 20 17 13 22 22 21 21 17 17 13 23 23 23 22 22 18 18 16 14 26 25 23 23 21 20 20 16 15 31 31 30 28 25 25 20 50 45 40 40 35 80 60 50 45
2600 2800 3300 4400 4700 2600 2800 3200 3400 4200 4400 4800 2600 2800 3000 3200 3400 4200 4300 4600 5000 2600 2500 3000 3200 3300 3600 3700 4600 4800 2400 2400 2900 3200 3500 3600 3900 1700 2000 2600 2600 2800 1200 1600 2200 2400
PCF0E101MCL1GS PCF0E2211MCL1GS PCF0E471MCL1GS PCF0E821MCL1GS PCF0E152MCL1GS PCF0G101MCL1GS PCF0G151MCL1GS PCF0G221MCL1GS PCF0G331MCL1GS PCF0G471MCL1GS PCF0G681MCL1GS PCF0G821MCL1GS PCF0J820MCL1GS PCF0J101MCL1GS PCF0J121MCL1GS PCF0J151MCL1GS PCF0J221MCL1GS PCF0J331MCL1GS PCF0J471MCL6GS PCF0J471MCL1GS PCF0J681MCL1GS PCF1A470MCL1GS PCF1A560MCL1GS PCF1A121MCL1GS PCF1A151MCL6GS PCF1A151MCL1GS PCF1A271MCL1GS PCF1A331MCL1GS PCF1A471MCL1GS PCF1A561MCL1GS PCF1C330MCL1GS PCF1C390MCL1GS PCF1C560MCL1GS PCF1C820MCL1GS PCF1C151MCL1GS PCF1C181MCL1GS PCF1C221MCL1GS PCF1D220MCL1GS PCF1D390MCL1GS PCF1D680MCL1GS PCF1D820MCL1GS PCF1D121MCL1GS PCF1E6R8MCL1GS PCF1E100MCL1GS PCF1E220MCL1GS PCF1E470MCL1GS
No marked, 1 will be put at 12th digit of type numbering system. : In this case, 6 will be put at 12th digit of type numbering system.
Rated Ripple (mArms) at 105C 100kHz
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of PCF0J820MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X