Part Number Hot Search : 
1N4737 DB104G A2183 MOC8021M SE9402 80014 SE9402 0SJETT
Product Description
Full Text Search
 

To Download NJM25371 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM2537
FM IF IC FOR PAGERS
GENERAL DESCRIPTION The NJM2537 is a low power FM IF IC for pagers. It is capable of designing dual conversion pager system because of including a mixer circuit. Also it includes RSSI function, so that it is easy to design automatic gain control (AGC) which improves interberence when strong signal is received. PACKAGE OUTLINE
NJM2537V
FEATURES Low Operating Voltage Low Operating Current RF Input Frequency 2nd Mixer Package Outline
1.1 to 4.0V 1.2mA typ.at V+=1.4V 10 to 50MHz SSOP20
PIN FUNCTION AND BLOCK DIAGRAM
1. 2. 3. 4. 5. 6. 7. 8. 9 10.
OSC IN OSC OUT MIXER OUT V+ IF IN DECOUPLING FSK REF QUAD IN AF OUT RSSI
11. 12. 13. 14. 15. 16. 17. 18. 19. 20.
LPF IN LPF OUT BS CHARGE FSK OUT VALM REG CONT REG OUT GND MIXER IN
Ver.2003-12-09
-1-
NJM2537
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply voltage Power Dissipation Operating Temperature Range Storange Temperature Range SYMBOL VCC PD Topr Tstg RATINGS 4.0 300 -30 to +85 -40 to +125
(Ta=25C)
UNIT V mW C C
ELECTRICAL CHARACTERISTICS
PARAMETER No Signal Operating Current Battery Saving Operating Current Mixer Gain Mixer Intercept Point Mixer Input Resistance Mixer Output Resistance IF Amplifier Input Resistance S/N1 S/N2 S/N3 -3dB Limiting Sensitivity 1 -3dB Limiting Sensitivity 2 Demodulated Output Level AM Rejection Ratio Duty Ratio at Wave Shaped Output RSSI Output Voltage RSSI Output Resistance Quick Charge / Discharge Current Alarm Detection Voltage Regulator Output Voltage Low level Output Voltage of VALM Terminal High Level Leak Current of VALM Terminal Low Level Output Voltage of FSK-OUT Terminal High Level Leak Current of FSK-OUT Terminal Low Level Output Voltage of REG-OUT Terminal SYMBOL ICCq ICCS GMIX IP RinMIX ROMIX RinIF S/N1 S/N2 S/N3 LIM1 LIM2 Vod AMR DR Vrssi Rrssi Ich Valm Vreg ValmL IalmH VfskL IfskH VregL
(V+=1.4V, fC=21.7MHz, fIF=455kHz, fmod=600Hz, fdev=4kHz, Ta=25C)
TEST CONDITION MIN. After Ceramic Filter 11 MIXER Input, VI=60dBVEMF IF Input, VI=60dBVEMF IF Input, VI=22dBVEMF MIXER Input IF Input IF Input, VI=60dBVEMF IF Input, VI=60dBVEMF, AM=30% IF Input, VI=60dBVEMF IF Input, VI=65dBVEMF GND, 0.18V RL=430 IL=100A 30 40 0.48 40 1.05 0.95 IL=100A IL=100A TYP. 1.2 0 14.5 103 5 2 2 63 63 25 12 22 46 50 50 0.62 62 70 1.10 1.00 0.1 0 0.1 0 MAX. 1.5 5 18 17 27 65 60 0.76 115 1.15 1.05 0.4 2 0.4 2 0.6 UNIT mA A dB dBVEMF k k k dB dB dB dBVEMF dBVEMF mVrms dB % V k A V V V A V A V
-2-
Ver.2003-12-09
NJM2537
APPLICATION CIRCUIT
Ver.2003-12-09
-3-
NJM2537
TERMINAL FUNCTION
PIN NO. SYMBOL PIN VOLTAGE (V) FUNCTION Local Oscillator Input. In case of using a crystal oscillator, it is connected. EQUIVALENT CIRCUIT
1
OSC IN
1.38
2
OSC OUT
0,68
Local Oscillator Output. In case of using an external oscillator, the external clock is input. Mixer input. Input resistance is 5k typical.
20
MIX IN
0.8
Mixer output. Output resistance is 2k typical. 3 MIX OUT 0.7
5
IF IN
1.38
Limiter amplifier input. Input resistance is 2k typical.
Decoupling for bias. 6 DEC 1.38
8
QUAD IN
1.4
Input of quadrature detection circuit. A ceramic discriminator is connected.
Demodulated signal Output.
9
AF OUT
0.16
-4-
Ver.2003-12-09
NJM2537
TERMINAL FUNCTION
PIN NO. SYMBOL PIN VOLTAGE (V) FUNCTION RSSI output EQUIVALENT CIRCUIT
10
RSSI
0
Input of a low pass filter. It is biased from AF-OUT (9pin) through an external RC filter. 11 LPF IN 0.18
Output of a low pass filrter. 12 LPF OUT 0.18
7
FSK REF
0.18
Reference input of a wave shaping comparator. An external capacitor is connected.
13
BS
-
Control of a battery saving circuit. Hi : active Lo : suspended
14
CHARGE
-
Control of a quick charge / discharge circuit. Hi : Its circuit turns ON Lo : Its circuit turns OFF
15
FSK OUT
-
Output of a wave shaping circuit. The output signal is inverted against LPF output signal.
Ver.2003-12-09
-5-
NJM2537
TERMINAL FUNCTION
PIN NO. SYMBOL PIN VOLTAGE (V) FUNCTION Output of the alarm signal. + When V drops down to 1.1V, this output becomes high. 16 VALM 0.1 EQUIVALENT CIRCUIT
Control of an external PNP transistor used for the regulator. 17 REG CONT 0.6
Monitoring of the regulator.
18
REG OUT
1.0
4 19
V
+
-
Power Supply Ground
-
GND
-6-
Ver.2003-12-09
NJM2537
TYPICAL CHARACTERISTICS S+N N, AMR vs. Mixer Input V + = 1.4 V, fRF = 21.7MHz, fLO = 22.155MHz VLO = 110dBuV, fdev = 4kHz, f mod = 600Hz S+N, N, AMR vs. IF Input (V+=1.4V, fIF=455kHz, fdev=4kHz, fmod=600Hz)
Mixer Gain vs. Supply Voltage (fin=21.7MHz, VRF=60dBuV, fLO=22.155MHz, VLO=110dBu)
Operating Current vs. Supply Voltage (No Signal)
RSSI vs. Supply Voltage (VIF=65dBuVEMF, fIF=455kHz)
Demodulated Output vs. Supply Voltage (Vin=60dBuVEMF, fIF=455kHz, fmod=600Hz)
Ver.2003-12-09
-7-
NJM2537
TYPICAL CHARACTERISTICS Quick Charge Current vs. Supply Current (12pin=0.18V) Operating Current vs. Temperature (V+=1.4V)
Battery Saving Operating Current vs. Temperature (V+=1.4V)
Quick Charge Current vs. Temperature (V+=1.4V, 12pin=0.18V)
Mixer Gain vs. Temperature (V =1.4V, fRF=21.7MHz, Vin=60dBV)
+
Demodulated Output vs. Temperature (V =1.4V, fIF=455kHz, Vin=60dBVEMF, fmod=600Hz)
+
-8-
Ver.2003-12-09
NJM2537
TYPICAL CHARACTERISTICS RSSI vs. Temperature V + = 1.4 V, fRF21.7MHz, VRF = 50dBuVEMF, fLO = 22.155MHz, VLO = 110dBuV, mod = OFF -3dB Limiting Sensitivity vs. Temperature (V+=1.4V, Mixer input, fRF=21.7MHz, fmod=600Hz)
Mixer Output vs. RF Input (V+=1.4V, fRF=21.7MHz, fLO=22.155MHz, VLO=110dBuV)
Mixer Gain vs. Local Oscillation V + = 1.4V, fRF = 21.7MHz, VRF = 60dBuV, fLO = 22.155MHz, V = 60dBuV in
Mixer Gain vs. Frequency (V+=1.4V, VRF=60dBuV, VLO=110dBuV, fLO=fRF+455kHz)
RSSI vs. IF Input (V+=1.4V, fIF=455kHz)
Ver.2003-12-09
-9-
NJM2537
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 10 -
Ver.2003-12-09


▲Up To Search▲   

 
Price & Availability of NJM25371

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X