Part Number Hot Search : 
CROSS FMMT5551 RS203 C1011 16244A FJY3006R C00FK 10A02
Product Description
Full Text Search
 

To Download NFS80-7602J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
NFS80 Series
Quad output
Rev.02.16.07 NFS80 Series 1 of 4
Total Power: 80 - 110W Input Voltage: 90 - 264VAC 120 - 370VDC # of Outputs: Quad
Special Features
* 7.0 x 4.25 x 1.8 inch package * Overvoltage and short circuit protection * 80 W with free air convection * Adjustable outputs * Isolated output * Floating fourth output * EN55022, EN55011 conducted emissions level B * UL, VDE and CSA safety approvals * Available RoHS compliant * 2 year warranty
The NFS80 series is a 80 W universal input ac-dc power supply on a 7 x 4.25 inch card. The NFS80 series has two quad output models with a very high peak capability on the auxiliary outputs for drive and motor applications. The NFS80 provides 80 W of output power with free air convection cooling which can be boosted to 110 W with 20 CFM of forced air. Standard features include overvoltage and short-circuit protection. The series, with full international safety approval and the CE mark, meets conducted emissions EN55022 level B. The NFS80 series is designed for use in low power data networking, computer, telecom and industrial applications such as servers, PABX's, storage devices, vending machines and printers.
Safety
VDE0805/EN60950/ IEC950/IEC1010 File No. 10401-3336-0213 Licence No. 40014677 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
Embedded Power for Business-Critical Continuity
Specifications
All specifications are typical at nominal input, full load at 25C unless otherwise stated
Rev.02.16.07 NFS80 Series 2 of 4
OUTPUT SPECIFICATIONS Output voltage adjustability Line regulation LL to HL, FL Total regulation Overshoot/undershoot Transient response Temperature coefficient Overvoltage protection Minimum output current See derating curve Output power limit Short circuit protection INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current EMC CHARACTERISTICS (11,C) Conducted emissions Radiated emissions ESD air ESD contact EN55022,FCC part 15 EN55022 FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4 Level B Level B Perf. criteria 1 Perf. criteria 1 115 Vac, cold start 230 Vac, cold start 110 Vac, 60 Hz 230 Vac, 50 Hz Universal input 90-264 Vac 120-370 Vdc 47-440 Hz 19 A 38 A 0.2 mA 0.4 mA +5 V output on multi's Vout on singles Main output Auxiliary outputs (See Note 5) At turn-on +5 V (1 A to 12 A) All outputs +5 V output Main output Auxiliary output Primary power limit 3.0% 0.1% max. 0.1% max. See table 0% 150 mV peak 1 ms recovery 0.02%/C 140% Vout max. 1A 0A 160 W Pin max. 110 W Pout min.
EMC CHARACTERISTICS (11,C) Surge Fast transients Radiated immunity Conducted immunity GENERAL SPECIFICATIONS Hold-up time 110 Vac, @ 80 W 110 Vac, @ 110 W 230 Vac, @ 80 W 230 Vac, @ 110 W 35 ms 17 ms 140 ms 100 ms 70% typical Input/output Input/chassis 3000 Vac 1500 Vac 20-70 kHz VDE0805, EN60950, IEC950 IEC1010, UL1950 CSA C22.2 No. 950 600 g (21.18 oz) MIL-HDBK-217E @ 25 C 250,000 hours EN61000-4-5, level 3 EN61000-4-4, level 3 EN61000-4-3, level 3 EN61000-4-6, level 3 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1
Efficiency Isolation voltage Switching frequency Approvals and standards (See Note 10) Weight MTBF (See Note 7)
Yes with auto recovery
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating, see curve Non-operating 50 C to +70 C natural convection 50 C to +70 C 20 CFM forced air cooling 0 C to +70 C -40 C to +85 C Derate 2 W/C Derate 2.75 W/C 5% to 95% RH Operating Non-operating 5-500 Hz 10,000 feet max. 30,000 feet max. 2.4 G rms approx.
Relative humidity Altitude Vibration (See Note 9)
Embedded Power for Business-Critical Continuity
Specifications Contd.
OUTPUT CURRENTS MAX 8A 2A 2.5 A 2.5 A 8A 2A 2.5 A 2.5 A
(1)
Rev.02.16.07 NFS80 Series 3 of 4
OUTPUT VOLTAGE +5 V (IA) +24 V (IB) +12 V 12 V
(6)
PEAK (2) 20 A 3A 6A 6A 20 A 3A 6A 6A
FAN (3) 15 A 2.5 A 3A 3A 15 A 2.5 A 3A 3A
RIPPLE (4) 50 mV 240 mV 120 mV 120 mV 50 mV 240 mV 150 mV 150 mV
TOTAL REGULATION (5) 2.0% +10.0/-5.0% 3.0% 3.0% 2.0% +10.0/-5.0% 3.0% 3.0%
MODEL NUMBER (12,13,E) NFS80-7602J
+5 V (IA) +24 V (IB) +15 V 15 V (6)
NFS80-7606J
Notes
1 2 3 4 5 Natural convection cooling. Peak output current lasting less than 60 seconds with duty cycle 10%. During peak loading, outputs may exceed total regulation limits. Forced air cooling, 20 CFM @ 1 atmosphere. 50 MHz bandwidth, peak-to-peak, measured differentially. Total regulation is defined as the static output regulation at 25 C, including initial tolerance, line voltage within stated limits, load currents within stated limits, and output voltages adjusted to their factory settings. Also, for stated regulation on the +24 V output, IA / IB 5. Pins 10 and 11 are a floating output, which can be referenced as either positive or negative. Pin 10 is positive with respect to pin 11. Either pin 10 or 11 must be connected to return (pins 4-7) for proper operation. Derating curve is application specific for ambient temperatures > 50 C, for optimum reliability, no part of the heatsink should exceed 110 C and no semiconductor case temperature should exceed 115 C. Caution: Allow a minimum of 1 second after disconnecting the power when making thermal measurements. Three orthogonal axes, random vibration, 10 minute test for each axis. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. For EMI compliance unit may need to be mounted on a metal chassis. The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
DERATING CURVE
Output Power (Watts)
110W
20 CFM FORCED AIR COOLING
80W
6 7 8 9 10 11 12 13
NATURAL CONVECTION COOLING
55W 40W
5W 0C 10C
5W MINIMUM LOAD NECESSARY
20C
30C
40C
50C
60C
70C
Embedded Power for Business-Critical Continuity
Rev.02.16.07 NFS80 Series 4 of 4
Americas
5810 Van Allen Way Carlsbad, CA 92008 USA Telephone: +1 760 930 4600 Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX United Kingdom Telephone: +44 (0) 1384 842 211 Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza 2 Wing Yip Street, Kwun Tong Kowloon, Hong Kong Telephone: +852 2176 3333 Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com technicalsupport@powerconversion.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Emerson Network Power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
Emerson Network Power. The global leader in enabling business-critical continuity. AC Power Connectivity DC Power Embedded Power Inbound Power Integrated Cabinet Solutions Outside Plant Precision Cooling Site Monitoring and Services EmersonNetworkPower. com
Emerson Network Power and the Emerson Network Power logo are trademarks and service marks of Emerson Electric Co. (c)2007 Emerson Electric Co.


▲Up To Search▲   

 
Price & Availability of NFS80-7602J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X