Part Number Hot Search : 
TPC8401 MA40S4 951D685M D1335FOB 1N3039B C68HC71 ADC405 FB2022
Product Description
Full Text Search
 

To Download MPSA56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
MPSA56
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose amplifier applications.
TO-92
Pinning
1 = Emitter 2 = Base 3 = Collector
.190(4.83) .170(4.33) .190(4.83) .170(4.33) o 2 Typ 2 Typ
o o
Absolute Maximum Ratings(TA=25
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (pulse) Total Power Dissipation Junction Temperature Storage Temperature VCBO VCEO VEBO IC IC PD TJ TSTG
C) Rating -80 -80 -4 -500 -1000 625 +150 -55 to +150 Unit V V V mA mA mW
o o
.500 Min (12.70) .022(0.56) .014(0.36) .100 Typ (2.54) .148(3.76) .132(3.36) .022(0.56) .014(0.36)
Symbol
.050 Typ (1.27)
321
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO BVEBO ICBO ICEO VCE(sat) VBE(on) hFE1 hFE2 fT 380s, Duty Cycle
Min -80 -80 -4 50 50 50 2%
Typ -
Max -0.1 -0.1 -0.25 -1.2 -
Unit V V V A A V V MHz
Test Conditions IC=-100A, IE=0 IC=-1mA, IB=0 IE=-100A, IC=0 VCB=-80V, IE=0 VCE=-60V, IB=0 IC=-100mA, IB=-10mA IC=-100mA, VCE=-1V IC=-10mA, VCE=-1V IC=-100mA, VCE=-1V IC=-100mA, VCE=-1V, f=1MHz
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Collector-Emitter Saturation Voltage(1) Base-Emitter On Voltage(1) DC Current Gain(1) Transition Frequency (1)Pulse Test: Pulse Width


▲Up To Search▲   

 
Price & Availability of MPSA56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X