Part Number Hot Search : 
5KE47C B772S SI1903DL LTC3405 26708MMM ASJ12 LOQ971 91000
Product Description
Full Text Search
 

To Download MMBTA92-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMBTA92
* * *
Features
Surface Mount SOT-23 Package Capable of 300mWatts of Power Dissipation Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1
PNP Silicon High Voltage Transistor
SOT-23
A D
Marking:2D
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (IC=-1.0mAdc, IB=0) Collector-Base Breakdown Voltage (IC=-100Adc, IE=0) Emitter-Base Breakdown Voltage (IE=-100Adc, IC=0) Collector Current-Continuous Collector Cutoff Current (VCB=-200Vdc, IE=0) Emitter Cutoff Current (VEB=-5Vdc, IC=0) DC Current Gain* (IC=-1.0mAdc, VCE=-10Vdc) (IC=-10mAdc, VCE=-10Vdc) (IC=-30mAdc, VCE=-10Vdc) Collector-Emitter Saturation Voltage (IC=-20mAdc, IB=-2.0mAdc) Base-Emitter Saturation Voltage (IC=-20mAdc,IB=-2.0mAdc) Current Gain-Bandwidth Product (IC=-10mAdc, VCE=-20Vdc, f=30MHz) Collector-Base Capacitance (VCB=-20Vdc, IE=0, f=1.0MHz) Min -300 -300 -5 -300 -250 -100 Max Units Vdc
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IC ICBO IEBO Vdc Vdc mAdc nAdc
G F E
C
C B
B
E
H
nAdc
K DIMENSIONS
ON CHARACTERISTICS
hFE 60 100 60 200
DIM A B C D E F G H J K
VCE(sat) VBE(sat)
-0.2 -0.9
Vdc Vdc
SMALL-SIGNAL CHARACTERISTICS
fT Ccb 50 6.0 MHz pF
INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board,(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
.035 .900
Suggested Solder Pad Layout
.031 .800
.079 2.000
inches mm
.037 .950 .037 .950
www.mccsemi.com
Revision: 5
1 of 3
2009/06/10
MMBTA92
300 250 hFE , DC CURRENT GAIN 200 150 100 50 0 -55C TJ = +125C
MCC
Micro Commercial Components
VCE = 10 Vdc
TM
25C
0.1
1.0 IC, COLLECTOR CURRENT (mA)
10
100
Figure 1. DC Current Gain
Cib @ 1MHz
BANDWIDTH (MHz) f T, CURRENT-GAIN
100
150 130 110 90 70 50 30 10 1 3 5 11 13 15 7 9 IC, COLLECTOR CURRENT (mA) TJ = 25C VCE = 20 Vdc F = 20 MHz 17 19 21
C, CAPACITANCE (pF)
10 Ccb @ 1MHz
1.0
0.1 0.1
1.0 10 100 VR, REVERSE VOLTAGE (VOLTS)
1000
Figure 2. Capacitance
1.4 1.2 V, VOLTAGE (VOLTS) 1.0 0.8 0.6 0.4 0.2 0.0 0.1 1.0 10 IC, COLLECTOR CURRENT (mA) 100
Figure 3. Current-Gain - Bandwidth
VCE(sat) @ 25C, IC/IB = 10 VCE(sat) @ 125C, IC/IB = 10 VCE(sat) @ -55C, IC/IB = 10 VBE(sat) @ 25C, IC/IB = 10 VBE(sat) @ 125C, IC/IB = 10 VBE(sat) @ -55C, IC/IB = 10 VBE(on) @ 25C, VCE = 10 V VBE(on) @ 125C, VCE = 10 V VBE(on) @ -55C, VCE = 10 V
Figure 4. "ON" Voltages
www.mccsemi.com
Revision: 5
2 of 3
2009/06/10
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
3 of 3
2009/06/10


▲Up To Search▲   

 
Price & Availability of MMBTA92-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X