Part Number Hot Search : 
RUS1H21R 1N3527 RHL50KE YM72V804 200AB NNCD68PL PBL403 CEP5175
Product Description
Full Text Search
 

To Download MC7909CT-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MC7905CT THRU MC7912CT
Three-Terminal Negative Voltage Regulators

Features
*
Output current in excess of 1.0 Ampere Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) Internal short-circuit current limiting And Internal thermal shut down protection
Safe operating area protection
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 And MSL Rating 1
Maximum Ratings @ TA=25OC, Unless Otherwise Noted
Parameter Input Voltage Operating Temperature Range Storage Temperature Range Symbol VI TOPR TSTG Value -35 0---125 -55---150
o
Unit V C C
A F
o
TO-220
B C S Q T
MC7905CT
Electrical Characteristics (Vi=10V, Io=500mA, O oCParameter
Output Voltage
U 12 H K 3
Sym
V0
Min
-4.8V -4.75V
Typ
-5.0V
Max
-5.2V -5.25V
Test conditions
Tj=25 C -7V V1 -20V, 5mA IO 1.0A, PD<=15W 5mA IO 1.5A, o Tj=25 C, 250mA IO 750mA, o Tj=25 C o -7V V1 -25V, Tj=25 C o -8V V1 -12V, Tj=25 C Tj=25 C, IO=0 -7V V1 -25V 5mA Io 1.0A f=120Hz -8V V1 -18V o f=120Hz, Tj=25 C IO=1.0A, Tj=25 C Tj=25oC 0 C Tj IO=5mA
o o o o
L G N
V D
J R
Load Regulation Line regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Peak Output Current Temperature Coefficient of Output voltage
15mV Vo Vo Iq Iq VN RR Vd Iopeak VO/ Tj 54dB 120V 60dB 1.1V 2.1A -0.4mV/ oC 5.0mV 12.5mv 4.0mV 1.5mA
100mV 50mV 50mV 15mV 2.0mA 0.5mA 0.5mA
PIN 1. PIN 2. PIN 3.
GND INPUT OUTPUT
DIM A B C D F G H J K L N Q R S T U V
DIMENSIONS INCHES MM MIN MAX MIN MAX .560 .625 14.22 15.88 .380 .420 9.65 10.67 .140 .190 3.56 4.82 .020 .139 .190 --.012 .500 .045 .190 .100 .080 .045 .230 ----.045 .045 .161 .110 .250 .025 .580 .060 .210 .135 .115 .055 .270 .050 ----0.51 3.53 2.29 --0.30 12.70 1.14 4.83 2.54 2.04 1.14 5.84 ----1.15 1.14 4.09 2.79 6.35 0.64 14.73 1.52 5.33 3.43 2.92 1.39 6.86 1.27 -----
NOTE
125 C,
o
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
www.mccsemi.com
Revision: 6
1 of 6
2008/04/15
MCC
Micro Commercial Components
TM
MC7906CT
Electrical Characteristics (Vi=11V, Io=500mA, O oCParameter
Output Voltage
Sym
V0
Min
-5.75V -5.70V
Typ
-6.0V
Max
-6.25V -6.30V
Test conditions
Tj=25 C -8V V1 -21V, 5mA IO 1.0A, PD<=15W o 5mA IO 1.5A, Tj=25 C, 250mA IO 750mA, Tj=25 C -8.0V V1 -25V, Tj=25 C o -9V V1 -13V, Tj=25 C Tj=25 C, IO=0 -10.5V V1 -25V 5mA Io 1.0A 10Hz f 100KHz Tj=25 C f=120Hz -9V V1 -13V, Tj=25oC IO=1.0A, Tj=25 C Tj=25 C
o o o o o o o
Load Regulation Line regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Peak Output Current Temperature Coefficient of Output voltage
Vo Vo Iq Iq VN RR Vd Iopeak VO/ Tj 54dB
15mV 5.0mV 12.5mV 4.0mV 1.5mA
160mV 80mV 160mV 80mV 2.0mA 1.0mA 0.5mA
200V 60dB 1.1V 2.1A -0.5mV/ C
o
0 C Tj 125 C, IO=5mA
o
o
MC7908CT
Electrical Characteristics (Vi=14V, Io=500mA, O oCParameter
Output Voltage
Sym
V0
Min
-7.70V -7.60V
Typ
-8.0V
Max
-8.30V -8.40V
Test conditions
Tj=25 C -10.5V V1 -23V, 5mA IO 1.0A, PD=15W 5mA IO 1.5A, Tj=25 C,
o o o
Load Regulation
Vo Vo Iq Iq VN RR Vd Iopeak VO/ Tj 56dB
12mV 4.0mV
160mV 80mV 160mV 80mV 4.5mA 1.0mA 0.5mA
250mA IO 750mA, Tj=25 C -10.5V V1 -25V, Tj=25 C o -11V V1 -17V, Tj=25 C Tj=25 C, IO=0 -10.5V V1 -25V 5mA Io 1.0A 10Hz f 100KHz Tj=25 C f=120Hz -10.5V V1 IO=1.0A, Tj=25 C Tj=25oC
o o o o
Line regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Peak Output Current Temperature Coefficient of Output voltage
6.0mV 2.0mV 2.2mA
52V 71dB 2.0V 2.1A -0.6mV/ C
o
-25VTj=25oC
0 oC
Tj 125 oC, IO=5mA
Revision: 6
www.mccsemi.com
2 of 6
2008/04/15
MCC
Micro Commercial Components
TM
MC7909CT
Electrical Characteristics (Vi=15V, Io=500mA, O oCParameter
Output Voltage
Sym
V0
Min
-8.70V -8.60V
Typ
-9.0V
Max
-9.30V -9.40V
Test conditions
Tj=25 C -11.5V V1 -24V, 5mA IO 1.0A, PD<=15W 5mA IO 1.5A, Tj=25 C,
o o o
12mV Load Regulation Vo 4.0mV Line regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Peak Output Current Temperature Coefficient of Output voltage Vo Iq Iq VN RR Vd Iopeak VO/ Tj 54dB 175 V 60dB 1.1V 2.1A -0.6mV/ C
o
180mV 90mV 180mV 90mV 6.0mA 1.0mA 0.5mA
250mA IO 750mA, Tj=25 C -11.5V V1 -26V, Tj=25 C o -12V V1 -18V, Tj=25 C Tj=25oC, IO=0 -11.5V V1 -26V 5mA Io 1.0A 10Hz f 100KHz Tj=25 C f=120Hz ,
-11.5V V1 -26V, Tj=25oC
o o
10mV 5.0mV 3.0mA
IO=1.0A, Tj=25oC Tj=25oC 0C
o
Tj 125 C, IO=5mA
o
www.mccsemi.com
Revision: 6
3 of 6
2008/04/15
MCC
Micro Commercial Components
TM
MC7912CT
Electrical Characteristics (Vi=19V, Io=500mA, O oCParameter
Output Voltage
Sym
V0
Min
-11.50V -11.40V
Typ
-12V
Max
-12.50V -12.60V
Test conditions
Tj=25 C -14.5V V1 -27V, 5mA IO 1.0A, PD<=15W 5.0mA IO 1.5A, Tj=25 C, 250mA IO 750mA, Tj=25oC -14.5V V1 -30V, Tj=25 C o -16V V1 -22V, Tj=25 C Tj=25oC, IO=0 -14.5V V1 -30V 5mA Io 1.0A 10Hz f 100KHz Tj=25 C f=120Hz
,-14.5V V1
o o o o o
15mV Load Regulation Vo 5.0mV Line regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Peak Output Current Temperature Coefficient of Output voltage VN RR Vd Iopeak VO/ Tj 54dB Vo Iq Iq 300V 60dB 1.1V 2.1A -0.8mV/ C
o
200mV 75mV 80mV 30mV 3.0mA 0.5mA 0.5mA
5.0mV 3.0mV 2.0mA
-30V, Tj=25oC
IO=1.0A, Tj=25 C Tj=25 C 0C
o o
Tj 125 C, IO=5mA
o
Marking:
MCC 79XXCT XX:05~12
Revision: 6
www.mccsemi.com
4 of 6
2008/04/15
MC7905CT thru MC7912CT
MCC
TM
Micro Commercial Components
Representation Schematic Diagram
www.mccsemi.com
Revision: 6
5 of 6
2008/04/15
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;1Kpcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 6
6 of 6
2008/04/15


▲Up To Search▲   

 
Price & Availability of MC7909CT-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X