Part Number Hot Search : 
BCM20 MS2215L6 1N5242B DMA50101 ULTRA SMCG20A S1T8825 LM2576T
Product Description
Full Text Search
 

To Download LAN2019-51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAN2019-51
10/100BASE-Tx Power over Ethernet (PoE) Magnetics Module
Meets IEEE 802.3af standard RoHS Compliant Single port configuration Designed for IP phone or switch applications Operating Temperature: 0J ~70J
Electrical Specification @25J
OCL: Hi-POT : Turn Ratio: D.C.R: Insertion Loss: 350uH Min. @100KHz/0.1V with 8mA DC Bias 1500Vrms. 1CT:1CT3% 0.9ohm Max. 0.1MHz -1.2dB Max. 0.1-30MHz 40MHz -16dB Min. -13dB Min. 30MHz -45dB Min. 30MHz -43dB Min. 1-100MHz -1.0dB Max. 50MHz 60-80MHz -13dB Min. -11dB Min. 100MHz -35dB Min. 100MHz -33dB Min.
Return Loss: D.C.M.R. : Cross Talk :
60MHz -40dB Min. 60MHz -37dB Min.
Dimensions
Schematic
A
12.95MAX
8.89
TD+ 1
LAN2019
Date Code G
1:1
16 TX+
B
9.4
10.67
1.9
6.86
TCT 2
15 TXCT
0.46 REF
1.27 TYP
0.64
1.27
TD-
3
14 TX-
D
E
0.250.10
RD+ 6
1:1
11 RX+ 10 RXCT 9 RX-
6.35MAX
C
RCT 7
RD- 8
0.89
Units: mm Unless otherwise specified, all tolerances are 0.25
Ver. A
2
MEDIA SIDE
CHIP SIDE
~8 0


▲Up To Search▲   

 
Price & Availability of LAN2019-51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X