|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL DATA KK74ACT533 Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS The KK74ACT533 is identical in pinout to the LS/ALS533, HC/HCT533. The KK74ACT533 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. These latches appear transparent to data (i.e., the outputs change asynchronously) when Latch Enable is high. The data appears as the outputs in inverted form. When Latch Enable goes low, data meeting the setup and hold time becomes latched. The Output Enable input does not affect the state of the latches, but when Output Enable is high, all device outputs are forced to the highimpedance state. Thus, data may be latched even when the outputs are not enabled. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A; 0.1 A @ 25C * Outputs Source/Sink 24 mA * 3-State Outputs for Bus Interfacing ORDERING INFORMATION KK74ACT533N Plastic KK74ACT533DW SOIC TA = -40 to 85 C for all packages PIN ASSIGNMENT LOGIC DIAGRAM FUNCTION TABLE Inputs Output Enable L L L Latch Enable H H L D H L X X Output Q L H no change Z H X X = don't care P Z = high impedance IN 20=VCC PIN 10 = GND 1 KK74ACT533 MAXIMUM RATINGS* Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL * Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 750 500 -65 to +150 260 Unit V V V mA mA mA mW C C Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol VCC VIN, VOUT TJ TA IOH IOL tr, tf * Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Junction Temperature (PDIP) Operating Temperature, All Package Types Output Current - High Output Current - Low Input Rise and Fall Time (except Schmitt Inputs) * Min 4.5 0 -40 Max 5.5 VCC 140 +85 -24 24 Unit V V C C mA mA ns/V VCC =4.5 V VCC =5.5 V 0 0 10 8.0 VIN from 0.8 V to 2.0 V This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. 2 KK74ACT533 DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) VCC Symbol VIH VIL VOH Parameter Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage Test Conditions VOUT= 0.1 V or VCC-0.1 V VOUT= 0.1 V or VCC-0.1 V IOUT -50 A VIN=VIH or VIL IOH=-24 mA IOH=-24 mA VOL Maximum LowLevel Output Voltage IOUT 50 A * * Guaranteed Limits 25 C 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 -40C to 85C 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 0.5 5.0 A mA A V Unit V V V V 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 5.5 5.5 5.5 VIN= VIH or VIL IOL=24 mA IOL=24 mA VIN=VCC or GND VIN=VCC - 2.1 V IIN ICCT IOZ Maximum Input Leakage Current Additional Max. ICC/Input Maximum ThreeState Leakage Current +Minimum Dynamic Output Current +Minimum Dynamic Output Current Maximum Quiescent Supply Current (per Package) VIN (OE)= VIH or VIL VIN =VCC or GND VOUT =VCC or GND VOLD=1.65 V Max VOHD=3.85 V Min VIN=VCC or GND IOLD IOHD ICC 5.5 5.5 5.5 8.0 75 -75 80 mA mA A * All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time. 3 KK74ACT533 AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V 10%, CL=50pF,Input tr=tf=3.0 ns) Guaranteed Limits Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ CIN Parameter Propagation Delay, Input D to Q (Figure 1) Propagation Delay, Input D to Q (Figure 1) Propagation Delay, Latch Enable to Q (Figure 2) Propagation Delay, Latch Enable to Q (Figure 2) Propagation Delay, Output Enable to Q (Figure 3) Propagation Delay, Output Enable to Q (Figure 3) Propagation Delay, Output Enable to Q (Figure 3) Propagation Delay, Output Enable to Q (Figure 3) Maximum Input Capacitance 25 C Min 2.5 2.5 2.5 2.5 2.0 2.0 2.0 2.0 4.5 Max 10.5 10.0 10.5 10.5 10.0 10.0 10.0 10.0 -40C to 85C Min 2.0 2.0 2.0 2.0 1.5 1.5 1.5 1.5 4.5 Max 11.5 11.0 11.5 11.5 11.0 11.0 11.0 11.0 ns ns ns ns ns ns ns ns pF Unit Typical @25C,VCC=5.0 V CPD Power Dissipation Capacitance 40 pF TIMING REQUIREMENTS (VCC=5.0 V 10%, CL=50pF, Input tr=tf=3.0 ns) Guaranteed Limits Symbol tsu th tw Parameter Minimum Setup Time, Input D to Latch Enable (Figure 4) Minimum Hold Time, Latch Enable to Input D (Figure 4) Minimum Pulse Width, Latch Enable (Figure 2) 25 C 3.0 2.0 5.0 -40C to 85C 4.0 2.5 6.0 Unit ns ns ns 4 KK74ACT533 Figure 1. Switching Waveforms Figure 2. Switching Waveforms Figure 3. Switching Waveforms Figure 4. Switching Waveforms EXPANDED LOGIC DIAGRAM 5 KK74ACT533 N SUFFIX PLASTIC DIP (MS - 001AD) A Dimension, mm 20 11 B 1 10 Symbol A B C MIN 24.89 6.1 MAX 26.92 7.11 5.33 F L D F 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 0.56 1.78 C -T- SEATING PLANE G H H J N G D 0.25 (0.010) M T K M J K L M N 10 3.81 8.26 0.36 NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side. D SUFFIX SOIC (MS - 013AC) A 20 11 Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27 H B P A B 1 G 10 C R x 45 C D F -TD 0.25 (0.010) M T C M K SEATING PLANE J F M G H J K M P R NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side. 6 |
Price & Availability of KK74ACT533 |