Part Number Hot Search : 
2SC36 L63ID HC123 ST441 2SC36 TDA381 LVC540B L63ID
Product Description
Full Text Search
 

To Download KBU810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU8005 THRU KBU810
Reverse Voltage - 50 to 1000 Volts
SINGLE PHASE SILICON BRIDGE RECTIFIER
Forward Current - 8.0 Ampere
FEATURES

KBU
.157(4.0)*45 .935(23.7) .895(22.7) .15 X23L (3.8 X5.7L) HOLE THRU
Ideal for printed circuit board Surge overload rating: 300A peak High case dielectric strength High temperature soldering guaranteed: 260C/10 seconds at 5lbs. (2.3kg) tension
.700(17.8) .600(16.8)
300 (7.5) .780(19.8) .740(18.8)
MECHANICAL DATA
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Terminals: Plated leads solderable per MIL-STD 202, method 208 Mounting Position: Any Marking: Type Number
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .276(7.0) .256(6.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t R
JC
KBU 8005 50 35
KBU 801 100 70
KBU 802 200 140
KBU 804 400 280 8.0 300 1.0 10 1.0 373 7.5 -65 to +150
KBU 806 600 420
KBU 808 800 560
KBU 810 1000 700
Unit V V A A V A mA
2 As
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Rating for Fusing (t < 8.3ms) (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range @IF = 4.0A @TC = 25C @TC = 100C
K/W C
Tj, TSTG
Note: 1. Non-repetitive for t > 1ms and < 8.3ms. 2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
KBU8005 THRU KBU810
RATINGS AND CHARACTERISTIC CURVES
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
8 8.3ms Single Half Sine Wave JEDEC Method
300
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
250 200 150 100 50 0
AVERAGE FORWARD CURRENT. (A)
TJ=25 0C
6
4
2
MOUNTED ON 4X4 INCH COPPER PC BOARD 0.5" (12.7mm) LEAD LENGTH 0 50 100
o
1
2
5
10
20
50
100
0
150
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
40 20 10
Tj=100 0C
10
4 2 1
1
0.4 0.2 0.1 0.6
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0.7 0.8 0.9 1.0 1.1 1.2 1.3 0.1 0 20 40
0
Tj=25 0C
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)


▲Up To Search▲   

 
Price & Availability of KBU810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X