Part Number Hot Search : 
D1004 1A225 CY7C6 MIC2772 BR1632A 66000 T3524 ISL95874
Product Description
Full Text Search
 

To Download INC5001AC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TENTATIVE
This is not a final specification. Some parameters are subject to change.
SMALL-SIGNAL TRANSISTOR
INC5001AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type) OUTLINE DRAWING
2.5 0.5 1.5 0.5
DESCRIPTION
INC5001AC1 is a super mini package resin sealed silicon NPN epitaxial transistor, It is designed for relay draive or Power supply application. .
Unit
0.95
2.9 1.90
FEATURE
Super mini package for easy mounting Low VCE(sat) VCE(sat)=0.25V max(@IC=500mA/IB=50mA) High collector current High voltage VCEO=60V IC=1A

1.1
0.95
APPLICATION
Relay drive, Power supply for audio equipment, VTR , etc
0.8
MAXIMUM RATINGSTa=25
Symbol VCBO VEBO VCEO IC ICM PC Tj Tstg Parameter Collector to Base voltage Emitter to Base voltage Collector to Emitter voltage Collector current Peak collector current Collector dissipation Junction temperature Storage temperature Ratings 80 5 60 1 2 200 150 -55150 Unit V V V A A mW
JEITASC-59 TERMINAL CONNECTER BASE EMITTER COLLECTOR
ELECTRICAL CHARACTERISTICSTa=25
Parameter C to B break down voltage E to B break down voltage C to E break down voltage Collector cut off current Emitter cut off current DC forward current gain C to E Saturation Voltage Gain bandwidth product Collector output capacitance Symbol V(BR)CBO V(BR)EBO V(BR)CEO ICBO IEBO hFE VCE(sat) fT Cob I C=10A , I E=0 I E=10A , I C=0 I C=1mA ,R V V V
CB BE
00.1
0.16 Limits Min 80 5 60 130 Typ 240 Max 0.1 0.1 320 0.25 10 V MHz pF
Test conditions
0.4
Unit V V V uA uA
=
=80V, I E=0mA
EB=5V, I C=0mA CE
=4V, I C=0.1A =10V, I E=-50mA =10V, I E=0mA,f=1MHz
I C=500mA ,IB=50mA V V
CE
CB
ISAHAYA ELECTRONICS CORPORATION
TENTATIVE
This is not a final specification. Some parameters are subject to
SMALL-SIGNAL TRANSISTOR
INC5001AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type)
Collector dissipation-AMBIENT TEMPERATURE 500 0.6
Pcmax=0.2W
COMMON EMITTER OUTPUT
5.0mA 4.5mA 4.0mA 3.5mA 3.0mA 2.5mA 2.0mA 1.5mA
Ta=25
Collector dissipationPc(mW)
Collector currentIC(A)
400
0.4
300
200
1.0mA
0.2
IB=0.5mA
100
0 0 40 80 120 160 200 AMBIENT TEMPERATURETa()
0 0 0.5 1 1.5 2 2.5 3 COLLECTOR TO EMITTER VOLTAGE VCE (V)
COMMON EMITTER TRANSFER 100 VCE=4V DC forward current gain hFE Collector currentIC(mA) 1000
DC forward current gain VS. Collector current VCE=4V Ta=85 25 100 -40
10
1 Ta=85 25 -40 0.1 0 0.2 0.4 0.6 0.8 1 1.2 BASE TO EMITTER VOLTAGEVBE(V)
10 0.1 1 10 100 1000 Collector currentIC(mA)
COLLECTOR TO EMITTER SATURATION VOLTAGE VS. BASE CURRENT COLLECTOR TO EMITTER SATURATION VOLTAGEVCE(V) COLLECTOR TO EMITTER SATURATION VOLTAGE VCE(sat)V) 2 1.8 1.6 1.4
0.2A 0.3A 0.4A 0.5A IC=0.1A 0.6A
COLLECTOR TO EMITTER SATURATION VOLTAGE VS. COLLECTOR CURRENT 1000 IC/IB=10
Ta=25
1.2 1 0.8 0.6 0.4 0.2 0 0.1
100 Ta=85 25 -40 0.1 1 10 100 1000
10
1
10
100
BASE CURRENTIB(mA)
COLLECTOR CURRENTIC(mA)
ISAHAYA ELECTRONICS CORPORATION
TENTATIVE
This is not a final specification. Some parameters are subject to
SMALL-SIGNAL TRANSISTOR
INC5001AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type)
GAIN BAND WIDTH PRODUCT VS. EMITTER CURRENT 1000 GAIN BAND WIDTH PRODUCTT (MH) COLLECTOR OUTPUT CAPACITANCE Cob (pF) Ta=25 VCE=10V 100
COLLECTOR OUTPUT CAPACITANCE VS. COLLECTOR TO BASE VOLTAGE Ta=25 IE=0mA f=1MHz
100
10
10
1 0.1 1 10 100 1000 EMITTER CURRENTIE (A)
1 0.1 1 10 100 COLLECTOR TO BASE VOLTAGEVCB (V)
Ta=25 single pulse 10
ICMmax=2A((less than 100msec
ASO
PW=1msec
Collector current IC (A)
1
ICmax=1A 10msec
0.1
DC(200mW) 100msec
1sec VCEmax=60V
0.01
0.001 0.01
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE VCE (V)
ISAHAYA ELECTRONICS CORPORATION
Marketing division, Marketing planning department
6-41 Tsukuba, Isahaya, Nagasaki, 854-0065 Japan
Keep safety first in your circuit designs! *ISAHAYA Electronics Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1) placement of substitutive, auxiliary, (2) use of non-farmable material or (3) prevention against any malfunction or mishap. Notes regarding these materials *These materials are intended as a reference to our customers in the selection of the ISAHAYA products best suited to the customer's application; they don't convey any license under any intellectual property rights, or any other rights, belonging ISAHAYA or third party. *ISAHAYA Electronics Corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagrams, charts or circuit application examples contained in these materials. *All information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, and are subject to change by ISAHAYA Electronics Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact ISAHAYA Electronics Corporation or an authorized ISAHAYA products distributor for the latest product information before purchasing product listed herein. *ISAHAYA Electronics Corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact ISAHAYA electronics corporation or an authorized ISAHAYA products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. *The prior written approval of ISAHAYA Electronics Corporation is necessary to reprint or reproduce in whole or in part these materials. *If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or re-export contrary to t e export control laws and regulations of Japan and/or the country of destination is h prohibited. *Please contact ISAHAYA Electronics Corporation or authorized ISAHAYA products distributor for further details on these materials or the products contained therein.
Feb.2009


▲Up To Search▲   

 
Price & Availability of INC5001AC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X