Part Number Hot Search : 
CA511 00225 XMEGA RFPP2870 CHU2277A ICL8021 MUX08EP T1200
Product Description
Full Text Search
 

To Download HS13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N P N S I L I C O N T RAN S I S T O R
Shantou Huashan Electronic Devices Co.,Ltd.
HS13003
HIGH VOLTAGE SWITCH MODE APPLICICATIONS
High Speed Switching Suitable for Switching Regulator and Montor Control
ABSOLUTE MAXIMUM RATINGSTa=25
T stg ----Storage Temperature.............................. -65~150 T j ----Junction Temperature.......................................150 P C ----Collector Dissipation.......................................30W VCBO----Collector-Base Voltage....................................600V VCEO----Collector-Emitter Voltage.................................400V V EB O ----Emitter-Base Voltage....................................9V I C ----Collector Current..........................................1.5A 1BaseB
2CollectorC 3 EmitterE
ELECTRICAL CHARACTERISTICSTa=25
Symbol Characteristics Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Min Typ Max Unit Test Conditions
BVCBO BVCEO BVEBO HFE VCE(sat)1 VCE(sat)2 VBE(sat) ICBO IEBO fT tON tSTG tF
600 400 9 10 40 0.8 0.8 1.2 10 10 8 1.1 4.0 0.7
V V V V V V A A MHz s s s
IC=1mA, IE=0 IC=10mA, IB=0 IE=1mA IC=0 VCE=10V, IC=0.1A IC=1A, IB=500mA IC=0.5A, IB=100mA IC=0.5A, IB=100mA VCB=500V, IE=0 VEB=9V, IC=0
VCE=10V,IC=0.1A,f=1MHz
DC Current Gain Collector- Emitter Saturation Voltage Collector- Emitter Saturation Voltage Base-Emitter Saturation Voltage
Collector Cut-off Current Emitter-Base Cut-off Current
Current Gain-Bandwidth Product Turn On Time Storage Time Fall Time
VCC=125V, IC=1A, IB1=0.2A,IB2=-0.2A RL=125
hFE Classification
H1 10-16 H2 14-21 H3 19-26 H4 24-31 H5 29-40


▲Up To Search▲   

 
Price & Availability of HS13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X