Part Number Hot Search : 
74LS2 L0932 2SK18 18EZP TB7106F OX9162 PEB22504 BC1402
Product Description
Full Text Search
 

To Download GFC9240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gunter Semiconductor GmbH
P Channel Power MOSFET
GFC9240
Chip Specification
General Description: * Advanced Process Technology * Dynamic dV/dt Rating
* 150 Operating Temperature * Fast Switching * Fully Avalanche Rated
Mechanical Data: D42 4.11mm x 5.56mm Dimension 400 m Thickness: Metallization: Al Top : : CrNiAg / Au Backside : Suggested Bonding Conditions: Die Mounting: Solder Perform 95/5 PbSn or 92.5./2.5/5 PbAgIn 15 mil Al Source Bonding Wire: Absolute Maximum Rating
Characteristics
Drain-to-Source Breakdown Voltage Static Drain-to - Source On-resistance Continuous Drain current ( in target package) Continuous Drain current ( in target package) Operation Junction Temperatre Storage Temperature @Ta=25
Symbol -V(BR)DSS RDS(ON) --ID@25 --ID@100 Tj
Limit
Unit
Test Conditions - VGS=0V, -ID=250 - VGS=10V, - ID=5.5 - VGS=10V - VGS=10V
200 0.5 11 6.8 -55~150 -55~150
V A A
TSTR
Target Device: IRF9640 TO-220AB
PD
125
W
@Tc=25


▲Up To Search▲   

 
Price & Availability of GFC9240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X