Part Number Hot Search : 
PWR1111 C240M BFA1560R P1A10 251902C MAX3274 BCR8UM PDTA144
Product Description
Full Text Search
 

To Download FXO-LC735RGB-156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 for
ETHERNET
3.3V 50ppm
LVDS 7 x 5mm
Features
Model: FXO-LC735RGB-156 XO Freq: 156.25MHz
Low Jitter Low Cost Tri-State Enable / Disable Feature Industry Standard Package Gold over Nickel Termination Finish
V DD Enable / Disable
X PRESSO
ASICs
GND
FOX
OUTPUT
Electrical Characteristics
Parameters
Frequency Frequency Stability 1 Temperature Range Supply Voltage Input Current Output Load Start-Up Time Output Enable / Disable Time Moisture Sensitivity Level Termination Finish MSL TO TSTG VDD IDD Differential TS Standard operating Storage Standard Standard Load Standard
Symbol
FO
Condition
Maximum Value
(unless otherwise noted) 156.25 MHz 50 ppm -40C to +85C -55C to +125C 3.3V 5% 100 mA 100 ohms Typ. 10 mS 100 nS 1 Au
Note 1 - Stability is inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
Output Wave Characteristics
Parameters
Differential Output Voltage Output Offset Voltage Output Symmetry Output Enable (PIN # 1) Voltage Output Disable (PIN # 1) Voltage Cycle Rise Time Cycle Fall Time
DWG-100720 | Rev. 6/2/2010
Symbol
VOD VOS VIH VIL TR TF
Condition
Standard Load Standard Load @ 50% Vp-p Level
Maximum Value
0.6V Typ. 1.3V Typ. 45% ~ 55% 70% VDD 30% VDD 400 pS 400 pS
20% ~ 80% Vp-p 80% ~ 20% Vp-p
Page 1 of 2
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 FOXONLINE EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221 (c) 2010 FOX ELECTRONICS | ISO9001:2000 Certified
for
ETHERNET
3.3V 50ppm
LVDS 7 x 5mm
Model: FXO-LC735RGB-156 XO Freq: 156.25MHz
Dimensional Drawing & Pad Layout
Phase Jitter & Time Interval Error (TIE) (Typical Measurements)
Frequency
156.25 MHz
Phase Jitter
(12kHz to 20MHz)
TIE
(Sigma of Jitter Distribution)
Units
pS RMS
1.19
3.6
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V. TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Random & Deterministic Jitter Composition (Typical Measurements)
Frequency
156.25 MHz
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj 23.6 pS
1.3
5.8
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Pin Functional Description
Pin #
1 2 3 4 5 6
Name
E/D
NC 1
Type
Logic Ground Output Output Power
Function
Enable / Disable Control of Output (0 = Disabled)
No Connection - Leave Open
GND Output Output 2 VDD 2
1 2
Electrical Ground for VDD LVDS Oscillator Output Complementary LVDS Output Power Supply Source Voltage
NOTES:
Includes pull-up resistor to VDD to provide output when the pin (1) is No Connect. Installation should include a 0.01F bypass capacitor placed between VDD (Pin 6) and GND (Pin 3) to minimize power supply line noise.
DWG-100720 | Rev. 6/2/2010
Page 2 of 2
(c) 2010 FOX ELECTRONICS | ISO9001:2000 Certified | FOXONLINE


▲Up To Search▲   

 
Price & Availability of FXO-LC735RGB-156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X