Part Number Hot Search : 
ST7544 1N5945BP ZHX1223 TM8713 MAX9376 NSPR510A HT1621 A8294
Product Description
Full Text Search
 

To Download FTM-5012C-SL80G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 March. 24, 2006
1.25G Spring-Latch SFP Transceiver
( For 80km transmission, RoHS compliant )
Members of FlexonTM Family
Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I Compatible with Telcordia GR-468-CORE RoHS Compliant
Description
FTM-5012C-SL80G SFP transceiver is high performance, cost effective module supporting data-rate of 1.25Gbps and 80km transmission distance on SMF.
Features
Data-rate of 1.25Gbps operation 80km transmission with SMF 1550nm DFB laser and PIN photo-detector SFP MSA package with duplex LC connector With Spring-Latch for high density application Very low EMI and excellent ESD protection +3.3V single power supply Operating case temperature: 0~+70C
The transceiver consists of two sections: The transmitter section incorporates a DFB laser. And the receiver section consists of a PIN photodiode integrated with a trans-impedance preamplifier (TIA). All modules satisfy class I laser safety requirements. The optical output can be disabled by a TTL logic high-level input of Tx Disable. Tx Fault is provided to indicate that degradation of the laser. Loss of signal (LOS) output is provided to indicate the loss of an input optical signal of receiver. The standard serial ID information compatible SFP MSA describes the transceiver's capabilities, standard interfaces, manufacturer and other information. The host equipment can access this information via the 2-wire serial CMOS EEPROM protocol. For further information, please refer to SFP Multi-Source Agreement (MSA). FTM-5012C-SL80G is compliant with RoHS.
Applications
Switch to Switch interface Switched backplane applications Router/Server interface Other optical transmission systems
Standard
Compatible with SFP MSA Compatible with IEEE 802.3 Compatible with FCC 47 CFR Part 15, Class B
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to FlexonTM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at the end of the documentation.
Table 1 - Regulatory Compliance Feature Standard Performance
Electrostatic Discharge (ESD) to the Electrical PINs Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS
MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2
Class 1(>500 V)
Compatible with standards
Compatible with standards
Compatible with standards Compatible with Class I laser product. Compatible with standards Compliant with standards
Absolute Maximum Ratings
Stress in excess of the maximum absolute ratings can cause permanent damage to the module.
Table 2 - Absolute Maximum Ratings Parameter Symbol Min. Max. Unit
Storage Temperature Supply Voltage Operating Relative Humidity
TS VCC -
-40 -0.5 5
+85 3.6 95
C V %
Recommended Operating Conditions
Table 3- Recommended Operating Conditions Parameter Symbol Min. Typical Max. Unit
Operating Case Temperature Power Supply Voltage Date Rate Fiber Length on 9/125m SMF
TC VCC L
0 3.13 1.25 80
+70 3.47
C V Gbps km
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 2 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
Optical and Electrical Characteristics
Table 4 - Optical and Electrical Characteristics Parameter Centre Wavelength Average Output Power P0ut@TX Disable Asserted Symbol C P0ut Min. Transmitter 1480 0 1550 1580 4.7 -45 nm dBm dBm 1 Typical Max. Unit Notes
Spectral Width (-20dB)
Extinction Ratio
EX tr/tf
SMSR
1
9
nm
dB
Rise/Fall Time (20%80%) Side Mode Suppression Ratio Total Jitter Deterministic Jitter
Output Optical Eye Data Input Swing Differential Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal
0.26
30
ns
dB UI
2 3 3 4 5
TJ DJ IEEE 802.3
VIN ZIN 500 90 2.0 0 2.0 0 Receiver C 1260 -3 100
0.431
0.2 2400 110 Vcc 0.8 Vcc+0.3 0.8 1580 -22
UI
mV V V V V nm dBm dBm
Centre Wavelength Receiver Sensitivity Receiver Overload
6 6
Return Loss
LOS De-Assert LOS Assert LOS Hysteresis Total Jitter Deterministic Jitter Data Output Swing Differential LOS Notes: 1. 2. 3. 4. 5. 6. The optical power is launched into SMF. High Low LOSD LOSA
12
-23 -35 1 4
dB
dBm dBm dB
TJ DJ
VOUT 370 2.0 0
0.749 0.462
2000 Vcc+0.3 0.8
UI UI
mV V V
3 3 5
Unfiltered, measured with a PRBS 27-1 test pattern @1.25Gbps Meet the specified maximum output jitter requirements if the specified maximum input jitter is present. Measured with a PRBS 27-1 test pattern @1.25Gbps. Internally AC coupled. Measured with a PRBS 27-1 test pattern @1.25Gbps, worst-case extinction ratio, BER 1x10-12.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 3 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at the 8-bit address 1010000X (A0h). The memory contents refer to Table 5.
Table 5 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 16 56--59 60--62 63 64--65 66 67 68--83 84--91 92--94 95 96--255 4 3 1 2 1 1 16 8 3 1 160 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 07 00 00 00 02 12 00 01 01 01 0D 00 80km Hex Description SFP MOD4 LC Transmitter Code 8B10B 1.25Gbps
Length (9um)-km 50 Length (9um) FF Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Reserved CC BASE Options BR, max BR, min Vendor SN 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D 35 30 31 32 43 2D 53 4C 38 30 47 20 xx xx 20 20 00 00 00 xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx 00 00 00 xx
"FIBERXON INC. "(ASC)
"FTM-5012C-SL80G " (ASC) ASC( "31 30 20 20" means 1.0 revision) Check sum of bytes 0 - 62 LOS, TX_FAULT and TX_DISABLE
ASC Year(2 bytes), Month(2 bytes), Day (2 bytes) Check sum of bytes 64 - 94
Vendor date codexx xx xx xx xx xx 20 20 Reserved CC_EXT Vendor specific
Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFP Multi-Source Agreement (MSA).
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 4 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
Recommended Host Board Power Supply Circuit
Figure 1 shows the recommended host board power supply circuit.
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 2 shows the recommended interface circuit.
Host Board
Vcc (+3.3V)
2x4.7K to 10K
TX Disable TX Fault SerDat Out +
SFP Module
VccT
10K
Z=50
TD +
SerDat Out -
Z=50
TD -
Laser driver
Protocol IC
SERDES IC
SerDat In +
Z=50
RD +
SerDat In -
Z=50
Amplifier
RD -
LOS
Vcc (+3.3V)
3x4.7K to 10K
MOD-DEF2 MOD-DEF1 MOD-DEF0
EEPROM
RGND
Figure 2, Recommended Interface Circuit
PIN Definitions
Figure 3 below shows the PIN numbering of SFP electrical interface. The PIN functions are described in Table 6 with some accompanying notes.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 5 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
P in 2 0 T O P V IE W OF BOARD P in 1 1
P in 1 0 B O T T O M V IE W OF BOARD P in 1
Figure 3, PIN View Table 6- PIN Function Definitions PIN No. Name Function Plug Seq. Notes
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Notes:
VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT
Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2
Module Definition 1
1
3
Note 1 Note 2
Note 3
3 3 3 3 3 3 1 1 1 3 3 1 2 2 1 3 3 1
Note 3 Note 3 Note 4
Module Definition 0 Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground
Note 5 Note 5
Note 6 Note 6
1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of some kind. In the low state, the output will be pulled to less than 0.8V. 2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7k~10k resistor. Its states are: Low (0~0.8V): Transmitter on
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 6 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant (>0.8V, <2.0V): High (2.0~3.465V): Open: Undefined Transmitter Disabled Transmitter Disabled Preliminary Datasheet March. 23, 2006
3. MOD-DEF 0,1,2 are the module definition PINs. They should be pulled up with a 4.7k~10k resistor on the host board. The pull-up voltage shall be VccT or VccR. MOD-DEF 0 is grounded by the module to indicate that the module is present MOD-DEF 1 is the clock line of two wire serial interface for serial ID MOD-DEF 2 is the data line of two wire serial interface for serial ID 4. LOS is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the low state, the output will be pulled to less than 0.8V. 5. These are the differential receiver output. They are internally AC-coupled 100 differential lines which should be terminated with 100 (differential) at the user SERDES.
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 4.
34.6 0.1 41.8 0.15 45.0 0.2
LABEL
13.8 0.1 13.4 0.1 55.7 0.1 8.50 0.1 6.25 0.05
12.17 0.1
Rx
Tx
Figure 4, Mechanical Design Diagram of the SFP with Spring- Latch
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
5.60 0.05
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
Ordering information
FTM
5
0
1
2
C
S
L
8
0
G
Wavelength 5: 1550nm Function 0: Standard Data rate 12: 1.25/1.0625G
Receptacle C: LC
Distance 80: 80km Package SL: SFP with Spring-Latch
Others G: RoHS Compliance
Part No. FTM-5012C-SL80G
Product Description 1550nm, 1.25Gbps, 80km, SFP with Spring-Latch, RoHS compliant, 0C~+70C
Related Documents
For further information, please refer to the following documents: Fiberxon Spring-Latch SFP Installation Guide Fiberxon SFP Application Notes SFP Multi-Source Agreement (MSA)
Obtaining Document
You can visit our website: http://www.fiberxon.com Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents.
Revision History
Revision Rev. 1a Initiate Unvier.Yang Review Simon.Jiang Approve Walker.Wei Subject Initial datasheet
Release Date March. 24,2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 8 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM
1.25G Spring-Latch SFP Transceiver 80km transmission, RoHS compliant Preliminary Datasheet March. 23, 2006
(c) Copyright Fiberxon Inc. 2006 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 9 of 9 Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 4/18/2006 11:04 AM


▲Up To Search▲   

 
Price & Availability of FTM-5012C-SL80G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X