Part Number Hot Search : 
SSM2211S MAX5909 TFPT1206 FLZ4V3B 01M10 MR100FF3 EPA3592G NTRLPB
Product Description
Full Text Search
 

To Download FBR51-WR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMPACT POWER RELAY
1 POLE--20 A (FOR AUTOMOTIVE FLASHER
R- SERIES FBR51,512 (-WR) 51 HA , 51 DI 2( S SC BE W ON EN R) TIN W RE ILL UE PL BE D BR AC -51 ED ,5 BY 12 SE RI (W ES F)
s FEATURES
q q
LAMP LOAD APPLICATIONS )
FB
Relay for flasher lamp load (automotive application) newly added to our compact power relay, FBR51 Series. Long life Special contact allows more than 4 million operations at flasher lamp load of 16 V DC, 28 A inrush, rated 135 W.
s ORDERING INFORMATION
[Example]
(a) (b) (c)
FBR51 (a)
N D12 (b) (c)
- WR -** (d) (e)
Series Name Structure
FBR51 : FBR51 Series (contact gap 0.3 mm) : Plastic sealed type : 9 VDC : 10 VDC : 12 VDC
N
Nominal Voltage
D09 D10 D12 WR
(d) (e)
Contact Material
: Special contact *
Custom Designation
To be assigned custom specification
* The contact materials of the movable and stationary contacts are different. Therefore, the specified load polarity must be observed to achieve rated life. Refer to life test examples and schematic.
1
FBR51 (-WR) SERIES
s SPECIFICATIONS
Item Contact Arrangement Material
R51 HA , 51 DI 2( S SC BE W ON EN R) TIN W RE ILL UE FB PLA BE D RCE 51 D ,5 BY 12 SE RI (W ES F)
Special contact Voltage Drop (resistance) Ratings Maximum 100 mV (at 1 A 12 VDC) 14 VDC-135 W (load: tungsten lamp) Maximum Carrying Current Max. Inrush Current (reference) 25 A/ 1 hour (25C, 100% rated coil voltage) 60 A Max. Switching Current (reference) Min. Switching Load*1 (reference) 35 A 16 VDC 6 VDC, 1 A Coil Operating Temperature -40C to + 85C (no frost) Storage Temperature -40C to +100C (no frost) Time Value Operate (at nominal voltage) Maximum 10 ms Release (at nominal voltage) Maximum 5 ms Life Mechanical Electrical 1 x 107 operations minimum 4x 106 operations minimum 16 VDC inrush 28 A (0.5s ON, 0.5s OFF), 135 W (load: tungsten lamp) Other Vibration Resistance Shock Resistance Weight 10 to 55 Hz (double amplitude of 1.5 mm) Misoperation Endurance 100 m/s2 1,000 m/s2 Approximately 6 g Polarity N.O. COM. Terminal: (+)side Terminal: (-)side *1 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The minimum switching load varies with the switching frequency and operating environment.
FB
FBR51 Series
1 form A
s COIL DATA CHART
MODEL
FBR51 Series
Nominal voltage 9 VDC
Coil resistance (10%) (at 20C) 135 180 240
Must operate voltage
Thermal resistance
FBR51ND09-WR FBR51ND10-WR FBR51ND12-WR
5.4 VDC (at 20C) 6.8 VDC (at 85C) 6.3 VDC (at 20C) 7.9 VDC (at 85C) 7.3 VDC (at 20C) 9.2 VDC (at 85C)
10 VDC 12 VDC
73C/W
2
FBR51 (-WR) SERIES
s CHARACTERISTIC DATA
1. MAXIMUM BREAK CAPACITY
50 40 35 30 25 20 15 12 10
R51 HA , 51 DI 2( S SC BE W ON EN R) TIN W RE ILL UE FB PLA BE D RCE 51 D ,5 BY 12 SE RI (W ES F)
Contact switching current (A)
Resistive load FBR51 Locked motor load FBR51
FB
15 20 25 30 35 40 50 10 Voltage between contacts (VDC)
2. LIFE TEST (EXAMPLES)
*Test item 16 VDC, inrush 28 A Tungsten lamp load (12 V 23 Wx5 pieces+ 12 V 10 Wx2 pieces) 0.5s ON, 0.5s OFF
Ratio of pick-up and drop-out values to rated coil voltages (%)
*Shift of pick-up and drop-out voltage 100 80 60 40 20 0
Pick-up
*Test circuit
Drop-out
Initial
20
50
100
500
1,000
2,000
No. of operations (x10 )
4
*Circuit wave form
*Shift of contact resistance 1,000
Contact resistance (m)
(measured at 6 V-1 A)
28 A 12 A 0A
100
10
1 Initial
20
50
100
500
1,000
2,000
No. of operations (x10 )
4
3
FBR51 (-WR) SERIES
*Shift of pick-up and drop-out voltage 100 80 60 40 20 0
R51 HA , 51 DI 2( S SC BE W ON EN R) TIN W RE ILL UE FB PLA BE D RCE 51 D ,5 BY 12 SE RI (W ES F)
Pick-up *Test circuit (-30C) Drop-out Initial 20 50 100 500 1,000 2,000 No. of operations (x10 )
4
Ratio of pick-up and drop-out values to rated coil voltages (%)
*Test item 16 VDC, inrush 90 A Tungsten lamp load (12 V 23 Wx5 pieces+ 12 V 10 Wx2 pieces) 0.25s ON. 4.75s OFF
FB
*Circuit wave form
*Shift of contact resistance 1,000
Contact resistance (m)
(measured at 6 V-1 A)
90 A
100
18 A 0A
10
1 Initial
20
50
100
500
1,000
2,000
No. of operations (x10 )
4
s REFERENCE DATA
Distribution of operate and release voltage Distribution of operate and release time 80 100 FBR51 FBR51 Operate n =100 n = 100 Release Operate 80 Release 60
Distribution (%)
Distribution of contact resistance FBR51 n = 100
100 80 60 40 20 0
Distribution (%)
60 40 20
40
20
0
0
0 10 20 30 40 50 60 70 80 Nominal voltage multiplying factor (%)
0
1
2
345 Time (ms)
6
7
8
Distribution (%)
0 10 20 30 40 50 60 70 80 Contact resistance (m)
4
FBR51 (-WR) SERIES
s DIMENSIONS
* FBR51 type
q Dimensions
15.5+0.2
R51 HA , 51 DI 2( S SC BE W ON EN R) TIN W RE ILL UE FB PLA BE D RCE 51 D ,5 BY 12 SE RI (W ES F)
51ND12-WR F
FB
13.7+0.3
l Schematics * (BOTTOM VIEW) N.O.
* Observe polarity for rated life with lamp loads.
(+)
12.1+0.2
COM (-)
9427
R0.4
R0.4
q PC board mounting hole layout (BOTTOM VIEW)
4-o1.3
5
0.3 2.5
1
(1.6)
t=0.3
1
3.5
1.2
o 1.4
10.2
5
t =0.4
(1.05)
10
2.5
10.2
q Tube carrier
19.0 Max.
601 Maximum
20.3 Max.
45 pieces/tube
Unit : mm
* FBR512 type
Fujitsu Components International Headquarter Offices
Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: marcom@fcai.fujitsu.com Web: www.fcai.fujitsu.com
Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email: info@fceu.fujitsu.com Web: www.fceu.fujitsu.com
Asia Pacific Fujitsu Components Asia Ltd. 102E Pasir Panjang Road #04-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 375-8560 Fax: (65) 273-3021 Email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com
(c) 2002 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks of their respective owners. Rev. 03/2002
10
5


▲Up To Search▲   

 
Price & Availability of FBR51-WR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X