Part Number Hot Search : 
X9279UBI Y2832 MX565AJD 5NF06 AVC16 8168B HD6417 FMM5057X
Product Description
Full Text Search
 

To Download FAN731407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAN7314 -- LCD Backlight Inverter Drive IC
October 2007
FAN7314 LCD Backlight Inverter Drive IC
Features
High-Efficiency Single-Stage Power Conversion Wide Input Voltage Range: 5V to 25.5V Back Light Lamp Ballast and Soft Dimming Reduces Number of Required External Components Precision Voltage Reference Trimmed to 2% ZVS Half-Bridge Topology Soft Start PWM Control at Fixed Frequency Analog and Burst Dimming Function Programmable Striking Frequency Open-Lamp Protection Open-Lamp Regulation 20-Pin SOIC
Description
The FAN7314 provides all the control functions for a series parallel resonant converter as well as a pulse width modulation (PWM) controller to develop a supply voltage. Typical operating frequency range is between 30kHz and 250kHz, depending on the CCFL and the transformer's characteristics.
20-SOIC
Ordering Information
Part Number
FAN7314M FAN7314MX
Package
20-SOIC 20-SOIC
Operating Temperature Range
-25C ~ 85C
Packing Method
Rail Tape & Reel
All packages are lead free per JEDEC J-SDD-020B standard. Protected by U.S. Patent: 5,652,479.
(c) 2006 Fairchild Semiconductor Corporation FAN7314 Rev. 1.0.4
www.fairchildsemi.com
FAN7314 -- LCD Backlight Inverter Drive IC
Typical Application Circuit
Application
19 inch LCD Monitor
Lamps
4
Input Voltage
13V
1. Schematic
F1 FUSE
C22 220F
25V C26 R6 OLP OLR RT1 OUTB OUTA C6 S_S GND C2 1F REF ADIM R7 0 BDIM CT RT BCT R5 C4 27k 4.7nF VIN PGND OUTC OUTD C5 220pF
GN DN DP
C25 1F
C27 1F
CN5 1 2 3 4 5 6 7 8 9 10 12505WR-10
0 13V
IC1
FAN7314
0.1F
0
82k
M1
0
DN
0
RT
0
SN
OUTB
GN DN DP
ON/OFF
R24 10k C28 10nF C1
ENA
OUTA
1F R25 10k
SP
C7 10F
LTM190EX
TX1 1 HOT CN1 CCFL COLD 2 1 HOT CN2 CCFL COLD
0 0 0
0.22F
0 0
J1 0
GP
DP
0 DIM(0~3.3V) REF
R2 56k
0
FDS8958A M2
C8 10F
0
SN
DN
0
0 0 0
R27 10k
SP
C10 15pF
C11 15pF OLP1
2
R4 22k
C21 10nF
R3 18k
OLP2
EA_IN EA_OUT C3 4.7nF R8
GP
DP
0
0
FDS8958A
OLR
D4 BAV70
RT
R15
R26 1k
C14 10nF
R13 1k
C30 10nF
D6 BAV99
R17 1k
D7 BAV99
R16 1k
FB
100k R9 9.1k 10k
0
0
0 FB
0
0
0
0
0
OLR REF
R1 330k R14 100k
0
TX2
1
HOT CN3 CCFL COLD
OLP1
R22 10k R23 10k
OLP2
1 HOT CN4 CCFL COLD
2
OLP
0
D11 BAW56
0
C9 1F
C12 15pF
C13 15pF
2
Q1 KST2222 D1 BAW56
OLP3
OLP4
OLP3
R20 10k D10 BAW56 C18 2.2nF C17 2.2nF R21 10k
OLP4
C19 2.2nF
C20 2.2nF
0
0
OLR
D3 BAV70
R12 1k
C29 10nF
R11 1k
C15 10nF
D8 BAV99
R18 1k
D9 BAV99
R19 1k
0
0
0
0
0
0
0
0
0
0
0
FB
FAN7314 Rev. 02
2. Transformer Schematic Diagram
Supported by Namyang electronics (http://www.namyangelec.co.kr)
FAN7314 Rev. 02
3. Core & Bobbin
Core: EFD2124 Material: PL7 Bobbin: EFE2124
(c) 2006 Fairchild Semiconductor Corporation FAN7314 Rev. 1.0.4 10
www.fairchildsemi.com
FAN7314 -- LCD Backlight Inverter Drive IC
(c) 2006 Fairchild Semiconductor Corporation FAN7314 Rev. 1.0.4 14
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FAN731407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X