Part Number Hot Search : 
UPC7900 XCF16P 8HC08 MDD95 2SC5227A 371904 315A010 224145
Product Description
Full Text Search
 

To Download EPA3491G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISDN S - Interface Transformer
ELECTRONICS INC.
EPA3491G
* Meets Pulse Waveform Template of CCITT 1.430 * with recommended Chip Pair Lucent T7250/2/6 and Motorola MC145574 * 3000 Vrms Isolation * * Reinforced Insulation * * Operating Temp. 0C - 70C *
Electrical Parameters @ 25 C
OCL (mH Min.) Pins 10-6 (Pri.) Leakage Inductance (H Max.) Pins 1-5 (Sec.) Interwinding Capacitance (pF Max.) Pri. to Sec. 45 Distributed Capacitance (pF Max.) Pin 10-6 (Pri.) 100 Turns Ratio (Pri : Sec 2%) I dc (mA Max.) DCR ( 25%) Pri 1:2.5 3 Sec 3.5
22
15
1.3
Schematic
Package
A J O
Pri. (Line Side) Sec. (Chip Side)
10 9 7
6
1 P B Q
Solder Pad Layout
24
5
Pin 1 I.D.
PCA EPA3491G D.C.
Dimensions
Dim. Min. .540 .540 .420 --.005 --.650 .018 ----0 .025 (Inches) Max. Nom. .560 .560 .440 --.015 --.670 .022 ----8 .045 .550 .550 .430 .200 .010 .100 .660 .020 .010 .075 --.035 .030 .100 .200. 085 .720 (Millimeters) Min. Max. Nom. 13.72 13.72 10.67 --.127 --16.51 .457 ----0 .635 --14.22 14.22 11.18 --.381 --17.02 .559 ----8 1.14 13.97 13.97 10.92 5.08 0.26 2.54 16.76 0.51 0.26 1.91 --0.89 .762 2.54 5.09 2.16 18.29
D
M
N
C
E
K
H
F
L G
I
A B C D E F G H I J K L M N O P Q
PCA ELECTRONICS, INC. 6799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSA3491G
Rev. -
6/9/98
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPA3491G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X