|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ISDN U-Interface Transformer ELECTRONICS INC. EPA3488 * Applications with 2B1Q and 4B3T Coding * Electrical Parameters @ 25 C Inductance (mH) Line Side 26.5 - 29.5 -40C to +85C Operating Temperature Hipot (Vrms Min.) Between Line Side and Chip Side 2500 1.25:1 Ratio ( 3%) Line Side 13 DCR ( Max.) Chip Side 7.5 80 IDC (mA) Package A 10 PCA EPA3488 Schematic 6 1 2 9 8 B D.C. 4 7 5 1 5 C E F Dim. A B C D E F Min. ------.795 .160 .145 Dimensions (Inches) Max. Nom. .950 1.050 .500 .805 .220 .155 . (millimeters) Min. Max. Nom. ------20.19 4.06 3.68 24.13 26.67 12.70 20.45 5.59 3.94 . D Leads : .042 x .015 (Solderable) Pin number 6 removed for keying. Pin numbers for reference only. PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 CSA3488 Rev. - 6/9/98 Product performance is limited to specified parameters. Data is subject to change without prior notice. TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPA3488 |