Part Number Hot Search : 
CES2307 M3H71FBD NCHA6KAA EMD62T2R GAL20V8 CY8C24 APA2718 BG160128
Product Description
Full Text Search
 

To Download DUR14C4-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DUR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
Features
0.56 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UR (GaAsP/GaP) 5 30 160 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 7990 V3 627 Wavelength nm P VF VF IR
UR (GaAsP/GaP) 1.9 2.5 10
Unit V V uA
P
627
nm
D
625
nm
45
nm
260C For 3~5 Seconds
C
15
pF
Part Number
Emitting Color
Emitting Material
Description
DUR14C4-A
Red
GaAsP/GaP
1900
Common Cathode, Rt. Hand Decimal Checked : Shin Chi P.1/4
Published Date : MAR 05, 2008
Drawing No : SDSA2306
Part Number:
DUR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
UR
Published Date : MAR 05, 2008
Drawing No : SDSA2306
V3
Checked : Shin Chi
P.2/4
Part Number:
DUR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 05, 2008
Drawing No : SDSA2306
V3
Checked : Shin Chi
P.3/4
Part Number:
DUR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUR14C4-A
Published Date : MAR 05, 2008
Drawing No : SDSA2306
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUR14C4-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X