Part Number Hot Search : 
GZ242 76K016AS MAC7121 SMAB13 0GU73P M74HC BU4920G AEH30F48
Product Description
Full Text Search
 

To Download DTA114EM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Digital Transistors DTA114EM
Transistors
Features
PNP Epitaxial Planar Silicon Transistor (Resistor Built-In Typ.) Built-In Bias Resistors Enable The Configuration of An Inverter Circuit Without Connecting External Input Resistors (See Equivalent Circuit).
Absolute Maximum Ratings Ta = 25
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction temperature Storage temperature Symbol VCC VIN IO IC(Max) PD Tj Tstg Rating -50 -40 to +10 -50 -100 150 150 -55 to +150 mW Unit V V mA
Electrical Characteristics Ta = 25
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transistion Frequency * Characteristics of built-in transistor Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT * VCE = -10V , IE = 5mA , f = 100MHz Testconditons VCC = -5V , IO = -100 A VO = -0.3V , IO = -10mA IO/II = -10mA/-0.5mA VI = -5V VCC = -50V , VI = 0V VO = -5V , IO = -5mA 30 7 0.8 10 1 250 13 1.2 MHz k -3 -0.3 -0.88 -0.5 V mA A Min Typ Max -0.5 Unit V
Marking
Marking 14
www.kexin.com.cn
1
SMD Type
DTA114EM
Equivalent Circuit
Transistors
Electrical Characteristics Curves
2
www.kexin.com.cn
SMD Type
DTA114EM
Transistors
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of DTA114EM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X