Part Number Hot Search : 
MY51D 856134 LC78615E 20NA50 3GD17 PD481 KM62256D T4119
Product Description
Full Text Search
 

To Download DMR14C4-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DMR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
Features
0.56 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
MR (GaAlAs) 1.8 2.5 10
Unit V V uA
P
660
nm
D
640
nm
20
nm
260C For 3 -5 Seconds
C
45
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 44990 V3
Wavelength nm P
Description
DMR14C4-A
Red
GaAlAs
12000
660
Common Cathode, Rt. Hand Decimal Checked : Shin Chi P.1/4
Published Date : MAR 05, 2008
Drawing No : SDSA2312
Part Number:
DMR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
MR
Published Date : MAR 05, 2008
Drawing No : SDSA2312
V3
Checked : Shin Chi
P.2/4
Part Number:
DMR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 05, 2008
Drawing No : SDSA2312
V3
Checked : Shin Chi
P.3/4
Part Number:
DMR14C4-A
www.SunLED.com
14.22mm (0.56") FOUR DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR14C4-A
Published Date : MAR 05, 2008
Drawing No : SDSA2312
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DMR14C4-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X