Part Number Hot Search : 
RB050 000MT 50117K NAL25 MSK640B 170M6458 30F201 1N5235B
Product Description
Full Text Search
 

To Download DF08S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005S thru DF10S
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Features
Ideal for printed circuit boards Applicable for automative insertion High surge current capability Solder Dip 260 oC, 40 seconds
Mechanical Data
Case: DFS Epoxy meets UL-94V-0 Flammability rating Terminals: Matte tin plated (E3 Suffix) leads, solderable per J-STD-002B and JESD22-B102D Polarity: As marked on body
Typical Applications
General purpose use in ac-to-dc bridge full wave rectification for SMPS, Lighting Ballaster, Adapter, Battery Charger, Home Appliances, Office Equipment, and Telecommunication applications
Maximum Ratings and Electrical Characteristics
(TA=25oC unless otherwise noted)
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TA=40oC (Note 2) Peak forward surge current single half sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t < 8.3ms) Maximum instantaneous forward voltage drop per leg at 0.5A Maximum DC reverse current at rated DC blocking voltage per leg TA=25oC TA=125oC Symbols VRRM VRMS V DC IF(AV) IFSM It VF IR CJ RJA RJL TJ, TSTG
2
DF005S DBS101
DF01S DBS102
DF02S DBS103
DF04S DBS104
DF06S DBS105
DF08S DBS106
DF10S DBS107
Units Volts Volts Volts Amp Amps A 2 se c Volts uA pF
o
50 35 50
100 70 100
200 140 200
400 280 400 1.0 50.0 10 1.1 5.0 500 25 40 15 -55 to +150
600 420 600
800 560 800
1000 700 1000
Typical junction capacitance per leg (Note 1) Typical thermal resistance per leg (Note 2) Operating junction and storage temperature range
C/W
o
C
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts 2. Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13mm) copper pads
424
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
425


▲Up To Search▲   

 
Price & Availability of DF08S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X