Part Number Hot Search : 
LC4256V MAX9856 55T10 HER501 LSS260 MC14640 XF50764 1SMA120Z
Product Description
Full Text Search
 

To Download CSS-1014A9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-ND-0711 A
PRODUCT SPECIFICATION
Model No CSS-1014A9/1015A9
Descriptions:
1.0 Inch Single Digit Display Emitting Color Super Bright Amber
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1014A9/1015A9
Spec. No. Rev.
PS-ND-0711 A
Features 1. 1.0 inch (25.4mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material
AlGaInP AlGaInP
Part No. CSS-1014A9 CSS-1015A9 Mechanical Dimensions -
Emitted Color
Super Bright Amber Super Bright Amber
Description
Common Anode Common Cathode
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1014A9/1015A9
Spec. No. Rev.
PS-ND-0711 A
Internal Circuit Diagrams -
Absolute Maximum Rating (Ta=25 )
Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice Derating Linear From 25 Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature Per
Symbol Pd IAF IPF
-
Rating 70 25 90
0.33
Unit mW mA mA
mA/
VR Topr Tstg
5 -35 ~ +85 -35 ~ +85
V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1014A9/1015A9
Spec. No. Rev.
PS-ND-0711 A
Electro-optical Characteristics (Ta=25 )
Parameter Forward Voltage Per Segment(DP) Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio
Symbol VF Iv P
e
Min. -
Typ. 4.0(2.0) 50 612 606 20 -
Max. 5.6(2.8) 100 2:1
Unit V mcd nm nm nm $
.
Condition IF=20mA IF=10mA IF=20mA IF=20mA IF=20mA VR=10V IF=10mA
JS
-
IV-m
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1014A9/1015A9
Spec. No. Rev.
PS-ND-0711 A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1014A9/1015A9
Spec. No. Rev.
PS-ND-0711 A
Package Dimensions
Note: The specifications are subject to change without notice. Please contact us for updated information http://www.csctw.com.tw 5/5 Page


▲Up To Search▲   

 
Price & Availability of CSS-1014A9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X