Part Number Hot Search : 
D12NF ADN2849 HAT3006R BD00HC0 C0603X C4010 F1603 PWR35MM
Product Description
Full Text Search
 

To Download CF050P2S-003-00DS0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Card Connectors
Specifications
Insulation Resistance: Withstanding Voltage: Current Rating: Contact Resistance:
Series CF Compact Flash Card Slim Type I and II
Part Number (Details)
1000M at 500V DC 500Vrms 1A AC/DC max. 40m max. at 20mV max.
CF
Series
050 P2S - * 0 3 - * 0 DS *
Operating Temp. Range: -55C to +85C Reflow Solder Temp.: 220C min. / 60 sec, 260C peak Mating Cycles: 10,000 times
No. of Contacts Stand-off Height 0 = Without 1 = 2.20mm PCB Mounting Type 0 = Top 90 SMT Ejector: 0 1 2 3 4 = Without = Right Side (41.3mm) = Left Side (41.3mm) = Right Side (34.7mm) = Left Side (34.7mm)
Materials and Finish
Insulator: LCP, glass filled (UL94V-0) Push Button: Glass reinforced PBT (UL94V-0) SMT Metal: Brass, pure Sn Pivot Shell: Stainless Steel Contacts: Brass Plating: Contacts - Gold (15") over Nickel (40") Solder Tails - pure Sn
Features
Adapter for Compact Flash Card type I and II Available with various ejectors and stand-offs
Fixing Method: 0 = SMT Fixing Plating Area: Contacts: Gold 15" over 40" Nickel Solder Tails: 100" Tin over 40" Nickel Lock Option: 0 = Without 1 = Nut Mounted
Outline Dimensions (No Stand-off)
Interface Dim. L (Length) Power = 5.00mm Pin# 1, 13, 38, 50 General = 4.25mm all other pins Detect = 3.50mm Pin# 25, 26
Recommended PCB Layout
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
Series CF Compact Flash Card Slim Type I and II (Reversed Type)
Specifications
Insulation Resistance: Withstanding Voltage: Current Rating: Contact Resistance: 1000M at 500V DC 500Vrms 1A AC/DC max. 40m max. at 20mV max.
Card Connectors
Compact Flash Card Reader
Part Number (Details)
CF
Series
050 P2S - * 1 3 - * 0 DS *
Operating Temp. Range: -55C to +85C Reflow Solder Temp.: 220C min. / 60 sec, 260C peak Mating Cycles: 10,000 times
No. of Contacts Stand-off Height 0 = Without 1 = 2.20mm PCB Mounting Type 1 = Bottom (reverse) 90 SMT Ejector: 0 1 2 3 4 = Without = Right Side (41.3mm) = Left Side (41.3mm) = Right Side (34.7mm) = Left Side (34.7mm)
Materials and Finish
Insulator: LCP, glass filled (UL94V-0) Push Button: Glass reinforced PBT (UL94V-0) SMT Metal: Brass, pure Sn Pivot Shell: Stainless Steel Contacts: Brass Plating: Contacts - Gold (15") over Nickel (40") Solder Tails - pure Sn
Features
Reverse type without stand-off height is not applicable to Compact Flash Card Type II Adapter for Compact Flash Card type I and II Available with various ejectors
Fixing Method: 0 = SMT Fixing Plating Area: Contacts: Gold 15" over 40" Nickel Solder Tails: 100" Tin over 40" Nickel Lock Option: 0 = Without 1 = Nut Mounted
Outline Dimensions (Stand-off Height 2.20mm)
Interface Dim. L (Length) Power = 5.00mm Pin# 1, 13, 38, 50 General = 4.25mm all other pins Detect = 3.50mm Pin# 25, 26
Recommended PCB Layout
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division
Connectors


▲Up To Search▲   

 
Price & Availability of CF050P2S-003-00DS0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X