Part Number Hot Search : 
NJM358D D8089 MHW8242 RN1608 78P05SC 6TRPB MA2SD31 2SC47
Product Description
Full Text Search
 

To Download BUT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUT54
DESCRIPTION *High Voltage *High Speed Switching *High Power Dissipation
APPLICATIONS *Designed for switching mode power supply and electronic ballast applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCES VCER VCEO VEBO IC ICM IBM PC Tj Tstg PARAMETER Collector-Emitter Voltage Collector-Emitter Voltage RBE100 Collector-Emitter Voltage Emitter-Base Voltage VALUE 800 UNIT V
Collector Current-Continuous Collector Current-Peak Base Current-Peak Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
w w
scs .i w
800 430 6 8 10 4 100 150 -55~150
.cn mi e
V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.25 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
BUT54
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 0.1A; IB= 0, L= 125mH IC= 0.5mA; IB= 0, RBE100
B
430
V
V(BR)CER
Collector-Emitter Breakdown Voltage
800
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
B
2.0 1.0 2.0 45
V
ICES
Collector Cutoff Current
VCE= 800V; VBE= 0 VCE= 800V; VBE= 0; TC=150
hFE-1
DC Current Gain
hFE-2
DC Current Gain
fT
Current-Gain--Bandwidth Product
Switching Times ;Resistive Load
toff
Turn-off Time
w w
scs .i w
IC= 1A; VCE= 5V
IC= 4A; VCE= 5V
IC= 0.5A; VCE= 10V
.cn mi e
20 5.5
mA
10
MHz
4.0 IC=4A; IB1=-IB2=1.25A; tp=20s
s
tf
Fall Time
1.0
s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BUT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X