Part Number Hot Search : 
DB104G LTT67S 55C6V CSLA2GG MAX3544 HSOP28 MAC4SN ER208
Product Description
Full Text Search
 

To Download AZ970 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ970/AZ971
40 AMP AUTOMOTIVE RELAY
FEATURES * * * * * * * * * * Up to 40 Amp switching capability in a compact size Open, covered or sealed Coils to 24 VDC Small footprint 1 Form A, B and C contacts available Vibration and shock resistant ISO/TS 16949, ISO14001 Tested in accordance with SAE J2544 Cost effective Designed for high in-rush applications
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 5 x 106 operations 1 x 105 40 A 14 VDC Res. 5 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement SPST (1 Form A) SPST (1 Form B) SPDT (1 Form C) Resistive load: Max. switched power: Form A: 560 W Form B: 420 W Form C: 420W Max. switched current: Form A: 40 A Form B: 30 A Form C: 30A Max. switched voltage: 150* VDC
* If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Operate Time (typical) Release Time (typical)
Ratings
Dielectric Strength 500 VDC coil to contact (at sea level for 1 min.) 500 VDC between open contacts Insulation Resistance Dropout Ambient Temperature AZ970 Operating AZ970 Storage AZ971 Operating AZ971 Storage Vibration Shock Enclosure Terminals Max. Solder Temp. 100 megohms min. at 20C, 500 VDC, 50% RH Greater than 6% of nominal coil voltage At nominal coil voltage -40C (-40F) to 110C (230F) -40C (-40F) to 155C (311F) -40C (-40F) to 105C (221F) -40C (-40F) to 155C (311F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 20 grams
Material Resistance
Silver tin oxide < 100 milliohms initially (24 V, 1 A voltage drop method)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 514 mW (12 and 24 VDC coil) 573 mW (6 VDC coil) 5.3 W 20C (68F) ambient (AZ970) 4.6 W 20C (68F) ambient (AZ971) 56C (101F) nominal coil VDC (AZ970) 59C (106F) nominal coil VDC (AZ971) 155C (311F)
Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
5/23/07W
AZ970/AZ971
RELAY ORDERING DATA -- AZ970 -- Open Style
COIL SPECIFICATIONS
Nominal Coil VDC 6 9 12 24 Must Operate VDC 3.3 5.1 6.8 13.9 Max. Continuous VDC 9.8 15.9 21.3 42.7 Coil Resistance 10% 19.0 50.0 90.0 362.0
ORDER NUMBER
Form A (SPST) AZ970-1A-6D AZ970-1A-9D AZ970-1A-12D AZ970-1A-24D Form B (SPST) AZ970-1B-6D AZ970-1B-9D AZ970-1B-12D AZ970-1B-24D Form C (SPDT) AZ970-1C-6D AZ970-1C-9D AZ970-1C-12D AZ970-1C-24D
RELAY ORDERING DATA -- AZ971 -- With Dust Cover
COIL SPECIFICATIONS
Nominal Coil VDC 6 9 12 24 Must Operate VDC 3.3 5.1 6.8 13.9 Max. Continuous VDC 9.4 15.2 20.4 41.0 Coil Resistance 10% 19.0 50.0 90.0 362.0
ORDER NUMBER*
Form A (SPST) AZ971-1A-6D AZ971-1A-9D AZ971-1A-12D AZ971-1A-24D Form B (SPST) AZ971-1B-6D AZ971-1B-9D AZ971-1B-12D AZ971-1B-24D Form C (SPDT) AZ971-1C-6D AZ971-1C-9D AZ971-1C-12D AZ971-1C-24D
*Add suffix "E" for epoxy sealed version.
MECHANICAL DATA
AZ970 Outline Dimensions and PCB Layout
.740 [18.8 0.4]
3x o.081 [o2.1] .148 [3.8] .211 [5.4] .134 [3.4] .161 [4.1] 4x o.055 [o1.4] FORM C .559 [14.2] .102 [2.6]
Terminal Dimensions
Term. 3,5 1,2 4 Dimensions .041 [1.02] x .03 [0.76] .041 [1.02] x .018 [0.46] .041 [1.02] x .062 [1.57]
.906 [23.0 0.4]
.709 [18.0 0.4]
.322 [8.2]
Wiring Diagrams
4 4 2 1 3 5 4
.173 [4.4 0.4]
.066 [1.7] .147 [3.7]
.467 [11.9]
Viewed towards terminals
AZ971 Outline Dimensions and PCB Layout
.831 [21.1 0.3]
3x o.081 [o2.1] .559 [14.2] .102 [2.6] .148 [3.8] .211 [5.4] .170 [4.3] .161 [4.1] .467 [11.9] 4x o.055 [o1.4] FORM A 2 FORM B 2
4 4
1.031 [26.2 0.3]
1 3
4
.831 [21.1 0.3]
.322 [8.2]
4 4 1 5
.134 [3.4] .020 [.5]
4
.138 [3.5 0.5]
.147 [3.7]
Viewed towards terminals
Viewed towards terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
5/23/07W


▲Up To Search▲   

 
Price & Availability of AZ970

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X