Part Number Hot Search : 
BFP178 11600 4HCT37 1212DR BC817 AT90SC IV0512S 375P08R
Product Description
Full Text Search
 

To Download AZ9701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ9701/AZ9711
45 AMP AUTOMOTIVE RELAY
FEATURES * * * * * * * * * * * Up to 45 Amp switching capability in a compact size Epoxy sealed versions available Coils to 24 VDC Small footprint 1 Form A and C contacts available Vibration and shock resistant ISO/TS 16949, ISO9001, ISO14000 Tested in accordance with SAE J2544 Cost effective Designed for high in-rush applications UL,CUR file E43203
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 5 x 106 operations 1 x 105 40 A 14 VDC Res. 5 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: Form A: 630 W Form C: 630 W/420W N.O./N.C. Max. switched current: Form A: 45 A Form C: 45 A/30A N.O./N.C. Max. switched voltage: 150* VDC Max. carry current: 60 A
* If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Operate Time (typical) Release Time (typical)
Dielectric Strength 500 VDC coil to contact (at sea level for 1 min.) 500 VDC between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration 100 megohms min. at 20C (68F), 500 VDC, 50% RH Greater than 6% of nominal coil voltage At nominal coil voltage -40C (-40F) to 135C (275F) -40C (-40F) to 155C (311F)) 10-40 Hz - 1.27 mm DA 40-70 Hz - 50 m/s2 70-100 HZ - 0.5 mm DA 100-500 Hz - 100 m/s2 20 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 20 grams
UL, CUR Material Resistance
45A at 14VDC res. 10k cycles (1Form A) Silver tin oxide < 100 milliohms initially (24 V, 1 A voltage drop method)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 484-573 mW standard coil 675 mW sensitive coil 4.2W 20C (68F) ambient 50C (90F) nominal coil VDC 155C (311F)
Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
7/17/08W
AZ9701/AZ9711
RELAY ORDERING DATA -- STANDARD COIL
COIL SPECIFICATIONS
Nominal Coil VDC 6 9 12 24 Must Operate VDC 3.3 5.1 6.8 13.9 Max. Continuous VDC 9.0 14.7 19.6 39.3
ORDER NUMBER
Coil Resistance Open Sealed* 10% 19.0 AZ9701-1A-6DT AZ9701-1C-6DT AZ9711-1A-6DET AZ9711-1C-6DET 51.0 90.0 362.0 AZ9701-1A-9DT AZ9701-1C-9DT AZ9711-1A-9DET AZ9711-1C-9DET AZ9701-1A-12DT AZ9701-1C-12DT AZ9711-1A-12DET AZ9711-1C-12DET AZ9701-1A-24DT AZ9701-1C-24DT AZ9711-1A-24DET AZ9711-1C-24DET
RELAY ORDERING DATA -- SENSITIVE COIL
COIL SPECIFICATIONS
Nominal Coil VDC 6 9 12 24 Must Operate VDC 4.5 6.8 9.0 19.2 Max. Continuous VDC 11.3 17.0 22.6 45.2
ORDER NUMBER
Coil Resistance Open Sealed* 10% 30.0 AZ9701-1A-6DST AZ9701-1C-6DST AZ9711-1A-6DSET AZ9711-1C-6DSET 68.0 120.0 480.0 AZ9701-1A-9DST AZ9701-1C-9DST AZ9711-1A-9DSET AZ9711-1C-9DSET AZ9701-1A-12DST AZ9701-1C-12DSTAZ9711-1A-12DSET AZ9711-1C-12DSET AZ9701-1A-24DST AZ9701-1C-24DSTAZ9711-1A-24DSET AZ9711-1C-24DSET
*Add suffix "K" to add third yoke pin.
MECHANICAL DATA
AZ9701 Outline Dimensions and PCB Layout
Terminal Dimensions
.586 [14.88]
Term. 3, 5
.092 [2.33]
Dimensions .070 [1.78] x .032 [.81] .025 [.64] x .048 [1.22] .048 [1.22] x .063 [1.6]
.748 [19.0 MAX]
.909 [23.1 MAX]
.213 [5.4]
.134 [3.4]
.211 [5.35]
.147 [3.73]
1, 2 4
.717 [18.2 MAX]
.467 [11.87]
.148 [3.75]
.138
.161 [4.08]
.483 [12.28]
4 4 2 1 5
.586 [14.88]
AZ9711 Outline Dimensions and PCB Layout
4
.866 [22.0 MAX]
1.043 [26.5 MAX]
.176 [4.47] .268 [6.81]
FORM A
.211 [5.35]
4
.092 [2.33]
4 2
.878 [22.3 MAX]
.467 [11.87]
.148 [3.75]
Optional 3rd Yoke Termminal
1
4
.161 [4.08]
.142 [3.6 MAX] ]
.483 [12.28]
3
5 FORM C
Viewed towards terminals
Viewed towards terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
7/17/08W


▲Up To Search▲   

 
Price & Availability of AZ9701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X