Part Number Hot Search : 
331KL 110CA 2SK545 M62362 TDA154 TLP3203 BUZ74A MMA5248W
Product Description
Full Text Search
 

To Download APTM100DA33T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100DA33T1G
Boost chopper MOSFET Power Module
5 6 11
VDSS = 1000V RDSon = 330m typ @ Tj = 25C ID = 23A @ Tc = 25C
Application
CR1 3 4
* * *
NTC
AC and DC motor control Switched Mode Power Supplies Power Factor Correction
Features * Power MOS 8TM MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged Very low stray inductance Internal thermistor for temperature monitoring High level of integration
Q2 9 10 1 2
12
* * * Benefits * * * * * *
Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Solderable terminals both for power and signal for easy PCB mounting Low profile RoHS Compliant
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Tc = 25C Tc = 80C Max ratings 1000 23 17 140 30 396 390 18 Unit V A V m W A
December, 2007 1-5 APTM100DA33T1G - Rev 0
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTM100DA33T1G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions Tj = 25C VDS =1000V VGS = 0V Tj = 125C VGS = 10V, ID = 18A VGS = VDS, ID = 2.5mA VGS = 30 V Min Typ Max 100 500 396 5 100 Unit A m V nA
3
330 4
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 18A Resistive switching @ 25C VGS = 15V VBus = 667V ID = 18A RG = 2.2 Min Typ 7868 825 104 305 55 145 44 40 150 38 ns nC Max Unit pF
Chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage IF = 30A IF = 60A IF = 30A IF = 30A VR = 800V
di/dt =200A/s
Test Conditions VR=1200V Tj = 25C Tj = 125C Tc = 80C
Min 1200
Typ
Max 100 500
Unit V A A
Reverse Recovery Time Reverse Recovery Charge
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
30 2.6 3.2 1.8 300 380 360 1700
3.1 V
ns nC
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight Transistor Diode
Min
Typ
Max 0.32 1.2 150 125 100 4.7 80
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
www.microsemi.com
2-5
APTM100DA33T1G - Rev 0
2500 -40 -40 -40 2.5
December, 2007
Thermal and package characteristics
APTM100DA33T1G
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic Resistance @ 25C R25 B 25/85 T25 = 298.15 K
RT = R25 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
T: Thermistor temperature
Min
Typ 50 3952
Max
Unit k K
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
Typical Mosfet Performance Curve
Maxim um Effective Transient Therm al Im pedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15
0.3 0.9 0.7 0.5
0.1 0.05
0.1 0.05 Single P ulse
0 0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
www.microsemi.com
3-5
APTM100DA33T1G - Rev 0
December, 2007
APTM100DA33T1G
Low Voltage Output Characteristics 60
VGS=10V
Low Voltage Output Characteristics 40 35
TJ=125C
ID, Drain Current (A)
TJ=25C
ID, Drain Current (A)
50 40 30 20 10 0 0 5
30 25 20
VGS=6, 7, 8 &9V
TJ=125C
5V
15 10 5 0
4.5V
10
15
20
0
5
10
15
20
25
30
VDS, Drain to Source Voltage (V) Normalized RDSon vs. Temperature RDSon, Drain to Source ON resistance
VDS, Drain to Source Voltage (V) Transfert Characteristics 40 ID, Drain Current (A)
VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
3 2.5 2 1.5 1 0.5 0 25 50 75 100 125 150
VGS=10V ID=18A
30
TJ=125C
20
10
TJ=25C
0 1 2 3 4 5 6 VGS, Gate to Source Voltage (V)
TJ, Junction Temperature (C)
Gate Charge vs Gate to Source VGS, Gate to Source Voltage 12 10 8 6
VDS=800V ID=18A TJ=25C VDS=500V VDS=200V
Capacitance vs Drain to Source Voltage 100000 C, Capacitance (pF) 10000 1000 100 10 1 VDS, Drain to Source Voltage (V)
December, 2007 APTM100DA33T1G - Rev 0
Ciss
Coss Crss
4 2 0 0 40 80 120 160 200 240 280 320 Gate Charge (nC)
0
50
100
150
200
www.microsemi.com
4-5
APTM100DA33T1G
Typical Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 1.4 Thermal Impedance (C/W) 1.2 1 0.8 0.6 0.3 0.4 0.2 0.1 0.05 0.0001 0.001 Single Pulse 0.9 0.7 0.5
0 0.00001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds) Forward Current vs Forward Voltage trr, Reverse Recovery Time (ns) 80 IF, Forward Current (A)
TJ=125C
Trr vs. Current Rate of Charge
500 400 300
45 A TJ=125C VR=800V
60
40
200 100 0 0 200 400 600
30 A 15 A
20
TJ=25C
0 0.0 1.0 2.0 3.0 4.0 VF, Anode to Cathode Voltage (V) QRR, Reverse Recovery Charge (C) QRR vs. Current Rate Charge
TJ=125C VR=800V
800 1000 1200
-diF/dt (A/s) IRRM vs. Current Rate of Charge IRRM, Reverse Recovery Current (A)
4
30 25 20 15 10 5 0 0 200 400 600 800 1000 1200
-diF/dt (A/s)
45 A TJ=125C VR=800V 30 A 15 A
45 A
3
30 A
2
15 A
1
0
0
200
400
600
800
1000 1200
-diF/dt (A/s)
Capacitance vs. Reverse Voltage 200 160 120 80 40 0 1 10 100 VR, Reverse Voltage (V) 1000
Max. Average Forward Current vs. Case Temp. 50 40 IF(AV) (A) 30 20 10 0 25 50 75 100 125 150 175 Case Temperature (C)
Duty Cycle = 0.5 TJ=175C
C, Capacitance (pF)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTM100DA33T1G - Rev 0
December, 2007


▲Up To Search▲   

 
Price & Availability of APTM100DA33T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X