Part Number Hot Search : 
PV100 MOB73DR 705250F 74HCT251 015P1 BUV83 SB206 00005
Product Description
Full Text Search
 

To Download APT15S20KCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
3
TO-220
2 1 - Anode 1 2 - Common Cathode Back of Case - Cathode 3 - Anode 2
1 3 2
APT15S20KCT(G)
200V
2X25A
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
HIGH VOLTAGE SCHOTTKY DIODE
PRODUCT APPLICATIONS
* Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) 48 Volt Output Rectifiers High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL EVAL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings Are Per Leg: TC = 25C unless otherwise specified.
APT15S20KCT(G) UNIT
200
Volts
Maximum Average Forward Current (TC = 122C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec. Avalanche Energy (2A, 8mH)
25 63 110 -55 to 150 300 15
C mJ Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V VR = VR Rated VR = VR Rated, TJ = 125C MIN TYP MAX UNIT
.80 .91 .67
.83
Volts
.250 5.0 75
Microsemi Website - http://www.microsemi.com
053-6037 Rev C
pF
11-2008
mA
DYNAMIC CHARACTERISTICS
Symbol trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -700A/s VR = 133V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 133V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 133V, TC = 25C Test Conditions MIN TYP MAX UNIT ns nC
80 210 5 100 440 8 55 580 18 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.1 80 0.07 1.9 10 1.1
Torque
Maximum Mounting Torque
lb*in N*m
Microsemi Reserves the right to change, without notice, the specifications and information contained herein. 1.2 Z JC, THERMAL IMPEDANCE (C/W) 0.9
1.0
0.8
0.7
0.6
0.5
Note:
0.4
0.3 0.1 0.05 10-5 10-4 SINGLE PULSE
PDM
t1 t2
0.2 0
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C)
11-2008
0.241 C/W Power (watts) 0.858 C/W Case temperature (C)
0.000249 J/C
053-6037 Rev C
0.000678 J/C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVE
60 50 IF, FORWARD CURRENT (A) 40 30 20 10 0 TJ = -55C TJ = 150C TJ = 25C TJ = 125C trr, REVERSE RECOVERY TIME (ns)
140 120 100 80 60 40 20 0
T =125C J V =133V
R
APT15S20KCT(G)
30A 15A 7.5A
0
0.2 0.4 0.6 0.8 1 1.2 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage
T =125C J V =133V
200 400 600 800 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change 25 IRRM, REVERSE RECOVERY CURRENT (A)
T =125C J V =133V
R
0
1200 Qrr, REVERSE RECOVERY CHARGE (nC) 1000 800 600 400 200 0 7.5A 15A
R
30A
30A
20
15
10
7.5A
5
15A
0 200 400 600 800 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 1.0 IRRM 0.8 Qrr Qrr trr
400 600 800 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 70 60 50 IF(AV) (A)
Duty cycle = 0.5 T =150C
J
0
0
200
Kf, DYNAMIC PARAMETERS (Normalized to 700A/s)
0.6 0.4 0.2 0.0
trr
40 30 20 10 0
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 1000 CJ, JUNCTION CAPACITANCE (pF)
0
100 125 150 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
25
50
75
800
600
200
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
.6
1
053-6037 Rev C
11-2008
400
APT15S20KCT(G)
Vr +18V 0V D.U.T. 30H
trr/Qrr Waveform
diF /dt Adjust
APT20M36BLL
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
0.25 IRRM
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-220 Package Outline
e3 100% Sn
053-6037 Rev C
11-2008
Microsemi's products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15S20KCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X