Part Number Hot Search : 
79S7PR SFR1800 HIP4020 BY296 10200 DTC14 70PDL1 S9S12
Product Description
Full Text Search
 

To Download AND731GST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AND731GST/GST-LED
4 Lines x 16 Characters Intelligent Character Display
The AND731GST/GST-LED devices are compact, LCD modules that have an on-board LCD controller and driver circuit. These devices can display 160 characters (numerals, letters, symbols and Kana letters, as well as eight custom characters.
Features
* * * * * * *
* RoHS Compliant AND731GST: Super Twist Technology AND731GST-LED: STN with LED backlight Low voltage, +5V single power supply Built-inController 5 x 7 Dots with cursor 1/16 Duty cycle 4.2V LED forward voltage
Electrical Characteristics (TA = 25C) Item T = 0C LCD Operating T = 25C Voltage T = 50C Supply Voltage Supply Current VDD -VO VDD -VSS IDD Hi Level Low Level Hi Level Low Level VIH VIL VOH VOL Symbol Min. - - - 4.7 - 2.2 0 2.4 - Typ. 4.8 4.5 4.2 5 3.2 - - - - Max. - - - 5.3 6 - VDD 0.6 0.4 V mA V V V V Unit V
Mechanical Characteristics Item Outline Dimensions Character Size Viewing Area Character Pitch Dot Size Dot Pitch Specification 87 (W) x 60 (H) x 8.8 (D) (12.7 LED) 2.95 (W) x 4.75 (H) 62 (W) x 25.6 (H) 3.55 (W) x 5.35 (H) 0.55 (W) x 0.55 (H) 0.60 (W) x 0.60 (H) Unit
Input Voltage mm mm mm mm mm mm Outpit Voltage
Optical Characteristics (TA = 25C, = 0, = 0) Item Viewing Angle Contrast Symbol K Ton Toff Min. - - - - Typ. 50 6.0 200 250 Max. - - 400 400 Unit degree - ms ms
Absolute Maximum Ratings Item LED Forward Current LED Reverse Voltage Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol IF VR VDD VIN Top Tstg Rating 400 4 7.0 0 VIN VDD 0 to +50 -20 to +60 Unit mA V V V C C
Turn On Turn Off
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
1
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
7/20/07
AND731GST/GST-LED Intelligent Character Display
Connector Pin Assignment Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Signal VSS VDD VO RS R/W E DBO DB1 DB2 DB3 DB4 DB5 Ground +5 Power Supply LCD Drive Voltage "H" Data Input "L" Command Input Read/Write Enable Data Bit 0 Data Bit 1 Data Bit 2 Data Bit 3 Data Bit 4 Data Bit 5 Function Connector Pin Assignment (Continued) Pin No. 13 14 15 16 Signal DB6 DB7 A K Data Bit 6 Data Bit 7 LED Power LED Power Function
Power Supply
The LCD panel is driven by the voltage VDD -VO, so you need an adjustable VO for contrast and temperature control. Temperature Variations Temperature 0C +25C +50C
V DD -VO
5.00 4.75 4.50
Block Diagram
Dimensional Outline
7/20/07
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
2


▲Up To Search▲   

 
Price & Availability of AND731GST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X