|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AND157HGP Ultra Bright LED Lamps Package Dimensions Unit: mm AND157HGP InGaAIP High Brightness Green Light Emission 5mm (T1-3/4) Package Features * RoHS Compliant * High efficiency * Viewing Angle: 20 degrees * All plastic mold type, clear colorless lens * Peak wavelength (p = 575 nm) * ESD-withstand voltage: up to 2KV * RoHS Compliant 2 5.0 0.2 5.9 0.3 Applications * Outdoor Displays * Status Indicators * Backlighting * Commercial Use 1.5 Max 1.0 0.2 1.0 MIN. 1 2 24.0 MIN. 8.6 0.3 0.5 Maximum Ratings: (Ta = 25C) 1 Item Continuous Forward Current Symbol IF VR IFP Topr Tstg Tsol Pd ESD Rating 25 5 100 -40 ~ +85 -40 ~ +100 260 60 2000 Units mA V mA C C C mW V 2.54 1 Anode 2 Cathode Reverse Voltage Peak Forward Current (Pulse Width < 100 s, Duty Cycle < 1%) Operating Temperature Storage Temperature Soldering Temperature (Time < 5 sec.) Power Dissipation Electrostatic Discharge Electro-Optical Characteristics (Ta = 25C) Characteristics Forward Voltage Reverse Current Luminous Intensity Peak Emission Wavelength Spectrum Radiation Bandwidth Dominant Wavelength Viewing Angle Precaution Symbol VF IR IV P d 2 1/2 Test Condition IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA Minimum - - 630 - - - - Typical 2.0 - 1,250 575 573 20 20 Maximum 2.4 10 - - - - - Unit V A mcd nm nm nm degree Please be careful of the following: 1. Soldering temperature: 260 C max., Soldering time: 5 sec. max. Soldering portion of lead: up to 1.6 mm from the body of the device. Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product. Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com 7/18/07 AND157HGP InGaAIP High Brightness Green Light Emission Ultra Bright LED Lamps Forward Current vs. Forward Voltage 50 40 1000 Relative Luminous Intensity IV (%) Luminous intensity vs. Forward Current Ta = 25C Forward Current IF (mA) 30 100 20 10 10 0.01 1.2 1.6 2.0 2.4 2.8 3.0 1 10 10 10 Forward Current IF (mA) 10 Forward Voltage (VF ) - volts Relative Luminous Intensity vs. Ambient Temp. (IF =20mA) 400 Relative Luminous Intensity (%) Relative Luminous Intensity (%) 200 100 100 Spectrum Distribution Ta = 25C 75 50 50 20 10 -20 0 20 40 60 80 100 25 0 450 500 550 600 650 700 750 Ambient Temperature Ta (C) Wavelength p (nm) Forward Current Derating Curve Ta=25C Radiation Pattern Ta = 25C 20 Relative Radiant Intensity 30 40 50 60 70 80 90 0.5 0.3 0.1 0 0.2 0.4 0.6 0.8 Radiation Diagram 20 30 40 50 60 70 80 90 10 0 20 40 60 80 85 Ambient Temperature Ta (C) 100 Forward Current IF (mA) 10 0 10 30 35 25 20 15 Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com 7/18/07 |
Price & Availability of AND157HGP |