Part Number Hot Search : 
MRF90 03101 Y100E 10N301C MAX17 50PI4 PM0022 SKM75GB
Product Description
Full Text Search
 

To Download ACE-12-1816 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACE-12-1816
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET - Page 1 of 3 7/31/2008
CCFL INVERTER
(Single Tube Application)
GENERAL DESCRIPTION
The ACE-12-1816 is designed to power 1 CCFL to a nominal power level of 7.5 Watts. Intensity control is accomplished by the user providing a variable DC level at pin 4 of CON1. Enable control is accomplished at pin 3 of CON1. Output is open and short circuit protected.
MECHANICAL/ENVIRONMENTAL
Weight = 27 grams Altitude = 10,000 ft max. Humidity < 85% non-condensing Size (L x W x H) = 3.3 IN x 1.3 IN x 0.526 IN PCB thickness = 0.062 IN Mounting Holes = 0.125 IN diameter (X4) Input Power & Control Connector = CON1 CCFL Output Connector = CON2
CON1 Molex 53261-0890 Pin # 1 2 3 4 5 6 7 8 +12V GND ENABLE VCNTL GND Sig 5V Out NC NC CON2
JST SM03(4.0)B-BHS-1-TB
Pin # 1 2 3
CCFL NC CCFL
ACE-12-1816
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET - Page 2 of 3 7/31/2008
Value -0.3 to 15 -0.3 to 5.3 +/- 10 10 -20 to +85 -40 to +105 Unit Vdc Vdc mAdc Watts Deg-C Deg-C
MAXIMUM RATINGS*
Symbol Parameter Vin Supply Voltage (Referenced to Ground) Vip Voltage applied to any input pin (Referenced to ground) Iop Current sourced or sinked from any output control pin Pin Input power (DC input voltage x DC input current) Top Operating temperature (Still air ambient around inverter) Tstg Storage Temperature * Maximum ratings are those values beyond which damage to the inverter may occur
RECOMMENDED OPERATING CONDITIONS
Symbol Vin Lsv Vcntl Parameter Supply Voltage (Referenced to Ground) Cold Cathode Fluorescent Lamp Sustaining Voltage Intensity Control Voltage (see Intensity Dimming Curve pg3) Min 10.8 700 0 Max 13.2 1000 5.0 Unit Vdc Vrms Vdc
ELECTRICAL CHARACTERISTICS
Vin = +12V, Lsv = 850Vrms, Vcntl = +5V, Enable = +5V unless otherwise specified Symbol Parameter Test Conditions Lstart Lamp Starting Voltage Lout Lamp Output Current Lfreq Lamp-Current Frequency Pfreq PWM Dimming Frequency Vcntl (Pin 4) = 4.3V Pdc PWM Duty Cycle Range Vcntl (Pin 4) = 0V to +5V ENoff Enable Control, unit OFF Enable (Pin 3) ENon Enable Control, unit ON (Pin 3) Enable (Pin 3) +5Vout +5V Reference Out (Pin 6) 10k load to ground (Pin 6) Iin Input current draw Eff Electrical Efficiency Min 2400 7.9 54 95 0 2.0 4.75 90 Max 9.6 66 101 100 0.8 5.25 0.75 Unit Vrms mAdc Khz Hz % Vdc Vdc Vdc Adc %
ACE-12-1816
397 Route 281 - P.O. Box 1175 Tully, New York 13159-1175 Phone: 315 696-6676 Fax: 315 696 9923 Email: sales@acipower.com www.acipower.com
PRODUCT DATA SHEET - Page 3 of 3 7/31/2008
GRAPHS
Intensity Dimming Curve
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 1 2 Vcntl (V) Display Luminance Duty-Cycle 3 4 5
Intensity (%)


▲Up To Search▲   

 
Price & Availability of ACE-12-1816

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X