Part Number Hot Search : 
4LVCH DB3TG SAA71 1284P LMV931 OB2263 F18N20 BZX97C10
Product Description
Full Text Search
 

To Download ABC3821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fiber Optic Cable ABC3821
Basic Part Number
62.5/125 Graded Index Simplex Cable
ABC 3821 Bulk Simplex Fiber Optic Cable
Core Cladding Acrylate Coating
CABLE SPECIFICATIONS
Core/Mode Field Diameter Cladding Diameter Primary Buffer Secondary Buffer Jacket Attenuation: @ 850 nm @ 1300 nm Bandwidth: @ 850 nm @ 1300 nm Numerical Aperture Index Profile Proof Test Operating Temperature Core Noncircularity Cladding Noncircularity 62.5 m 3 m 125 m 3 m 500 m 25 m 900 m 50 m .083 + .007 Inch Diameter 4.0 dB/km 2.0 dB/km 160 Mhz/km Minimum 500 Mhz/km Minimum 0.275 Nominal Graded >100 KPSI -40 C to 85 C < 5% < 2%
Hytrel Buffer
Kevlar(R) Reinforcement
Outer Jacket ETFE, (Yellow)
Consult Factory for price in feet or meters and for Standard Length Tolerance Glenair also carries 62.5 and 50 m Multimode fiber that meet FAR25 flammability requirements. Consult factory for more information.
Kevlar(R) is a registered trademark of DuPont Company.
(c) 2006 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com K-6


▲Up To Search▲   

 
Price & Availability of ABC3821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X